Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # FT313HQ-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HQ-R Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button FT313HQ-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
11
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Pin No.
Name
Type
Description
1.8V, 2.5V or 3.3V
16
AD12
I/O
Bit 12 of the address and data bus
Bidirectional pad; push-pull, three-state output. 3.3V
tolerant
17
AD13
I/O
Bit 13 of the address and data bus
Bidirectional pad; push-pull, three-state output. 3.3V
tolerant
18
AD14
I/O
Bit 14 of the address and data bus
Bidirectional pad; push-pull, three-state output. 3.3V
tolerant
19
AD15
I/O
Bit 15 of the address and data bus
Bidirectional pad; push-pull, three-state output. 3.3V
tolerant
20
VCC(1V2)
P
Core power 1.2V input; for normal operation, this
pin must be connected to pin 46. Connect a 0.1uF
decoupling capacitor
21
CS_N/CE_N
I
Chip select;
Input ; 3.3V tolerant
22
RD_N
/RE_N/OE_N
I
Read enable, or read latch; when not in use,
connect to VCC(I/O)
Input; 3.3V tolerant
23
WR_N
/WE_N
I
Write enable; when not in use, connect to VCC(I/O)
Input; 3.3V tolerant
24
INT
O
Interrupt output
Push-pull output; 3.3V tolerant
25
VCC(I/O)
P
I/O supply voltage; connect a 0.1uF decoupling
capacitor
1.8V, 2.5V or 3.3V
26
A0
I
Bit 0 of the address bus; when not in use, connect to
GND
Input; 3.3V tolerant
27
A1
I
Bit 1 of the address bus; when not in use, connect to
GND
Input; 3.3V tolerant
28
A2
I
Bit 2 of the address bus; when not in use, connect to
GND
Input; 3.3V tolerant
29
A3
I
Bit 3 of the address bus; when not in use, connect to
GND
Input; 3.3V tolerant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com