Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 19 Page - Future Technology Devices International Ltd.

Part # FT313HQ-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HQ-R Datasheet(HTML) 19 Page - Future Technology Devices International Ltd.

Back Button FT313HQ-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 18Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 23Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
19
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
4.9.4.3 Wake up
The regulator will be in normal operating mode and the clock/oscillator/PLL will be enabled
when either of these conditions is triggered:
1. Dummy read access with a LOW pulse on pins CS_N/CE_N and RD_N /RE_N/OE_N.
2. USB device connects or disconnects.
3. Remote wake up from external USB device.
4. Over current condition is triggered on OC_N if enabled by register.
After wake up automatically set corresponding bit of the CONFIG register, must set the
U_SUSP_U bit of the EOTTIME register to wake up the chip.
4.10 BCD mode
The FT313H is an EHCI-compatible host controller with BCD block function, which follows the
Battery Charging Specification Revision 1.2(BC1.2) by USB-IF. The block function that
emulates USB host port as either Charging Downstream Port (CDP) or Dedicated Charging Port
(DCP) which provides higher current source than Standard Downstream Port (SDP).
The BCD logic block will decode the mode of operation and choose by following setting:
1. BCD function is default enable by CONFIG register bit[5] setting.
2. BCD mode selection is default controlled by external pins configuration. Set CONFIG
register bit[15] to take over BCD mode setting by software.
3. Same configuration by CONFIG register bit[14:13] to set BCD mode if software takes
over control.
CPE1
CPE0
Mode
BCD_EN
Description
0
0
SDP
1
Standard downstream port, VBUS current
limit ≤ 500mA
0
1
DCP
1
Dedicated charging port, USB host no
functional on this port, VBUS current limit ≤
1.5A
1
1
CDP
1
Charging downstream port alternative
configuration, VBUS current limit ≤ 1.5A
X
X
X
0
BCD function disable
Table 4-6 BCD mode configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com