Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 35 Page - Future Technology Devices International Ltd.

Part # FT313HQ-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HQ-R Datasheet(HTML) 35 Page - Future Technology Devices International Ltd.

Back Button FT313HQ-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 39Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
35
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Bit
Name
Type
Default value
Description
1: enable DMA
0
DMA_ABORT
R/W
1'b0
DMA abort
0: DMA continuous running
1: DMA abort implement
Table 5-20 DMA configuration register
5.3.10
AUX_MEMADDR register (address = 98h)
Bit
Name
Type
Default
value
Description
[15: 0]
AUX_START_ADDR_MEM R/W
16’b0
Auxiliary start address of memory
read / write
When memory is occurred by DMA, use
auxiliary start address for PIO memory
access.
Table 5-21 AUX Memory address register
5.3.11
AUX_DATAPORT register (address = 9Ah)
Bit
Name
Type
Default value
Description
[15: 0]
AUX_DATA_PORT
R/W
16’b0
Auxiliary data port
When memory is occurred by DMA, use
auxiliary data port for PIO memory access.
Table 5-22 AUX data port register
5.3.12
SLEEPTIMER register (address = 9Ch)
Bit
Name
Type
Default value
Description
[15: 0]
SLEEP_TIMER
R/W
16’b0400
Sleep timer
When host controller detected USB bus has no
activity, the sleep timer will be started. When
timer reduce to zero, the BUSINACTIVE
interrupt will be generated, if the respective
enable bit in the HCINTEN register is set.
Default sleep timer is approximately 10ms.
Table 5-23 Sleep timer register
5.4 Interrupt registers
5.4.1 HCINTSTS register (address = A0h)
Bit
Name
Type
Default value
Description
[15: 8]
Reserved
RO
10’b0
-
7
WAKEUPINT
R/WC
1’b0
Wake up interrupt on device connect or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com