Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 34 Page - Future Technology Devices International Ltd.

Part # FT313HQ-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HQ-R Datasheet(HTML) 34 Page - Future Technology Devices International Ltd.

Back Button FT313HQ-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 33Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 34Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 35Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 36Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 38Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
34
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Bit
Name
Type
Default value
Description
Dedicated charging port. USB host not
functional on this port, VBUS current limit ≤
1.5A.
10: Reserved
11: CDP
Charging downstream port, VBUS
current limit ≤ 1.5A.
12
Reserved
-
1’b1
-
11
OSC_EN
R/W
1’b1
Oscillator enable
0: Oscillator is not active
1: Oscillator is active
10
PLL_EN
R/W
1’b1
Internal PLL enable
0: PLL is disable
1: PLL is enable
9
Reserved
-
1’b1
-
8
HC_CLK_EN
R/W
1’b1
Host controller clock enable
0: clocks are disabled
1: clocks are enabled
7
VBUS_OFF
R/W
1’b1
VBUS power switch
This bit controls the voltage on the VBUS
on/off (default is “1”) by switch external
power switcher.
0: VBUS on, PSW_N signal is active LOW.
1: VBUS off, PSW_N signal is not active.
6
PORT_OC_EN
R/W
1’b0
Port overcurrent enable
0: disable over current detection
1: enable over current detection
5
BCD_EN
R/W
1’b1
BCD module enable
0: disable BCD module
1: enable BCD module
4
Reserved
RO
1’b0
-
[3: 2]
BURST_LEN
R/W
2’b00
DMA burst length
00: Single DMA burst
01: 4-cycle DMA burst
10: 8-cycle DMA burst
11: 16-cycle DMA burst
1
ENABLE_DMA
R/W
1’b0
Enable DMA
0: terminate DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com