Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 41 Page - Future Technology Devices International Ltd.

Part # FT313HQ-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HQ-R Datasheet(HTML) 41 Page - Future Technology Devices International Ltd.

Back Button FT313HQ-R Datasheet HTML 37Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 38Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 39Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 40Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 41Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 42Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 43Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 44Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 45Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
41
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
6.2 DC Characteristics
DC Characteristics (Ambient Temperature = -40°C to +85°C)
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC(I/O)
VCCIO operating
supply voltage
1.62
1.8
1.98
V
Normal Operation
2.25
2.5
2.75
V
2.97
3.3
3.63
V
VCC(3V3)
VCC operating supply
voltage
2.97
3.3
3.63
V
Normal Operation
Icc1
Idle current
-
20
-
mA
Idle
Icc2
Operating current
-
35
-
mA
Normal Operation
High speed data
transfer
Icc3
USB suspend
-
200
-
uA
USB suspend
VCC(1V2)
Core supply voltage
1.08
1.2
1.32
V
Normal Operation
VOUT(1V2)
Internal 1.2V
regulator voltage
-
1.2
-
V
Normal Operation
Table 6-2 Operating Voltage and Current
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
2.4
3.3
-
V
Ioh=8mA
Vol
Output Voltage Low
-
-
0.4
V
Iol=8mA
Vih
Input High Voltage
2.0
-
-
V
-
Vil
Input Low Voltage
-
-
0.8
V
-
Vth
Schmitt Hysteresis
Voltage
0.3
0.45
0.5
V
-
Ipu
Input pull-up current
25
42
60
uA
Vin = 0V
Rpu
Input pull-up
resistance equivalent
120K
78K
60K
ohm
Vin = 0V
Ipd
Input pull-down
current
25
42
60
uA
Vin = VCC(I/O)
Rpd
Input pull-down
resistance equivalent
120K
78K
60K
ohm
Vin = VCC(I/O)
Iin
Input leakage current
-10
±1
10
uA
Vin = VCC(I/O) or
0
Ioz
Tri-state output
leakage current
-10
±1
10
uA
-
Table 6-3 Digital I/O Pin Characteristics (VCC(I/O) = +3.3V, Standard Drive Level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com