Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # FT313HQ-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HQ-R Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  FT313HQ-R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
4
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Table of Contents
1
Typical Applications...................................................................... 2
1.1
Part Numbers...................................................................................... 2
1.2
USB Compliant .................................................................................... 2
2
FT313H Block Diagram ................................................................. 3
3
Device Pin Out and Signal Description.......................................... 7
3.1
Pin Out – 64pin QFN ........................................................................... 7
3.2
Pin Out – 64pin LQFP .......................................................................... 8
3.3
Pin Out – 64pin TQFP.......................................................................... 9
3.4
Pin Description ................................................................................. 10
4
Function Description................................................................... 14
4.1
Microcontroller Bus Interface ........................................................... 14
4.2
SRAM bus interface mode ................................................................. 15
4.3
NOR bus interface mode ................................................................... 16
4.4
General multiplex bus interface mode .............................................. 16
4.5
Interface mode lock.......................................................................... 16
4.6
DMA controller.................................................................................. 16
4.7
EHCI host controller ......................................................................... 17
4.8
System clock..................................................................................... 17
4.8.1
Phase Locked Loop (PLL) clock multiplier ...................................................................... 17
4.9
Power management.......................................................................... 18
4.9.1
Power up and reset sequence ...................................................................................... 18
4.9.2
Power supply............................................................................................................. 18
4.9.3
ATX reference voltage ................................................................................................ 18
4.9.4
Power modes ............................................................................................................ 18
4.10
BCD mode ...................................................................................... 19
5
Host controller specific registers ................................................ 20
5.1
Overview of registers ....................................................................... 20
5.2
EHCI operational registers................................................................ 21
5.2.1
HCCAPLENGTH register (address = 00h)....................................................................... 21
5.2.2
HCSPARAMS register (address = 04h) .......................................................................... 21
5.2.3
HCCPARAMS register (address = 08h) .......................................................................... 22
5.2.4
USBCMD register (address = 10h) ............................................................................... 22
5.2.5
USBSTS register (address = 14h) ................................................................................ 24
5.2.6
USBINTR register (address = 18h)............................................................................... 25
5.2.7
FRINDEX register (address = 1Ch)............................................................................... 26
5.2.8
PERIODICLISTADDR register (address = 24h) ............................................................... 26
5.2.9
ASYNCLISTADDR register (address = 28h).................................................................... 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com