Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 14 Page - Future Technology Devices International Ltd.

Part # FT313HQ-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HQ-R Datasheet(HTML) 14 Page - Future Technology Devices International Ltd.

Back Button FT313HQ-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 17Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 18Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
14
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
4 Function Description
The FT313H is a USB2.0 compatible EHCI single port host controller which is mainly composed
of the following:
Microcontroller bus interface
SRAM bus interface mode
NOR bus interface mode
General multiplex bus interface mode
Interface mode lock
DMA controller
EHCI host controller
System clock
Power management
BCD mode
The functions for each block are briefly described in the following subsections.
4.1 Microcontroller Bus Interface
The FT313H has a fast advance general purpose interface to communicate with most types of
microcontrollers and microprocessors. This microcontroller interface is configured using pins
ALE/ADV_N and CLE to accommodate most types of interfaces. The bus interface supports 8-
bit and 16-bit, which can be configured using bit DATA_BUS_WIDTH. Three bus interface types
are selected using inputs ALE/ADV_N and CLE during power up, the RD_N /RE_N/OE_N and
CS_N/CE_N pins, or the RESET_N pin. Table 4.1 provides detail of bus configuration for each
mode. Table 4.2 shows pinout information of each bus interface.
Bus Mode
ALE/ADV_N
CLE
DATA_BUS
_WIDTH
Signal Description
SRAM 8-bit
HIGH
HIGH
1
A[7:0]: 8-bit address bus
AD[7:0]: 8-bit data bus
Write (WR_N), read (RD_N), chip
select (CS_N): control signals for
normal SRAM mode
DACK: DMA acknowledge input
DREQ: DMA request output
SRAM 16-bit
HIGH
HIGH
0
A[7:0]: 8-bit address bus
AD[15:0]: 16-bit data bus
Write (WR_N), read (RD_N), chip
select (CS_N): control signals for
normal SRAM mode
DACK: DMA acknowledge input
DREQ: DMA request output
NOR 8-bit
HIGH
LOW
1
AD[7:0]: 8-bit data bus
ADV_N, write enable, output enable,
chip select: control signals
NOR 16-bit
HIGH
LOW
0
AD[15:0]: 16-bit data bus
ADV_N, write enable, output enable,
chip select: control signals
General
Multiplex 8-bit
LOW
HIGH
1
AD[7:0]: 8-bit data bus
ALE, write(WR_N), read(RD_N), chip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com