Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # FT313HQ-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HQ-R Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button FT313HQ-R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 15Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 16Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
13
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Pin No.
Name
Type
Description
0.1uF decoupling capacitors to this pin.
47
AGND
P
Analog Ground
48
PSW_N
OD
Port power switch; when not in use, connect to
VCC(3V3) through a 10kΩ resistor
Open drain output; 5V tolerant
49
OC_N
I
Over current input; when not in use, connect to
VCC(3V3) through a 10KΩ resistor
Input; 5V tolerant
50
RREF
AI
Port reference resistor connection
Connect 12 kΩ±1% resistor between RREF and GND
51
NC
No connect
52
DM
AI/O
Port DM; connect to the D- pin of the USB connector
53
NC
No connect
54
DP
AI/O
Port DP; connect to the D+ pin of the USB connector
55
AGND
P
Analog Ground
56
NC
No connect
57
VCC(3V3)
P
Supply 3.3V voltage; Connect 10uF and 0.1uF
decoupling capacitors
58
NC
No connect
59
AGND
P
Analog Ground
60
NC
No connect
61
VBUS
OD
VBUS discharge.
5V tolerant
62
CPE0
I
Bit 0 to select charging port emulation type
63
TESTEN
I
Enable test mode. Internal pull-down.
For normal operation leave floating.
64
CPE1
I
Bit 1 to select charging port emulation type
Table 3-1 FT313H pin description
Notes:
P
: Power or ground
I
: Input
O
: Output
OD
: Open drain output
I/O
: Bi-direction Input and Output
AI
: Analog Input
AO
: Analog Output
AI/O
: Analog Input / Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com