Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 29 Page - Future Technology Devices International Ltd.

Part # FT313HQ-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HQ-R Datasheet(HTML) 29 Page - Future Technology Devices International Ltd.

Back Button FT313HQ-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 32Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 33Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
29
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Bit
Name
Type
Default value
Description
This value reflects the current state of the port,
and may not correspond directly to cause the
Connect Status Change bit to be set.
Table 5-11 Port status and control register
5.3 Configuration registers
5.3.1 EOTTIME register (address = 34h)
Bit
Name
Type
Default
value
Description
[31:7]
Reserved
RO
25’h0
-
6
U_SUSP_N
R/W
1’b1
Transceiver Suspend Mode
Active low
Places the transceiver in the suspend mode that draws
the minimal power from the power supplies. This is
part of the power management.
[5:4]
EOF2_TIME
R/W
2’b00
EOF 2 Timing Points
Control EOF2 timing point before next SOF.
High-Speed EOF2 Time
00b
2 clocks (30 MHz) = 66 ns
01b
4 clocks (30 MHz) = 133 ns
10b
8 clocks (30 MHz) = 266 ns
11b
16 clocks (30 MHz) = 533 ns
Full-Speed EOF2 Time
00b
20 clocks (30 MHz)=8 clocks (12 MHz) = 666 ns
01b
40 clocks (30 MHz)=16 clocks (12 MHz) = 1.333 µs
10b
80 clocks (30 MHz) = 32 clocks (12 MHz) = 2.66 µs
11b
160 clocks (30 MHz) = 64 clocks (12 MHz) = 5.3 µs
Low-Speed EOF2 Time
00b
40 clocks (30 MHz) = 16 clocks (12 MHz) = 1.33 µs
01b
80 clocks (30 MHz) = 32 clocks (12 MHz) = 2.66 µs
10b 160 clocks (30 MHz) = 64 clocks (12 MHz) = 5.33 µs
11b 320 clocks (30 MHz) = 128 clocks (12 MHz) = 10.66 µs
[3:2]
EOF1_TIME
R/W
2’b00
EOF 1 Timing Points
Controls the EOF1 timing point before next SOF.
This value should be adjusted according to the
maximum packet size.
High-Speed EOF1 Time
00b
540 clocks (30 MHz) = 18 µs
01b
360 clocks (30 MHz) = 12 µs
10b
180 clocks (30 MHz) = 6 µs
11b
720 clocks (30 MHz) = 24 µs
Full-Speed EOF1 Time
00b 1600 clocks (30 MHz) = 640 clocks (12 MHz) = 53.3 µs
01b 1400 clocks (30 MHz) = 560 clocks (12 MHz) = 46.6 µs
10b 1200 clocks (30 MHz) = 480 clocks (12 MHz) = 40 µs
11b 21000 clocks (30 MHz) = 8400 clocks (12 MHz)=700 µs
Low-Speed EOF1 Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com