Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 24 Page - Future Technology Devices International Ltd.

Part # FT313HQ-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HQ-R Datasheet(HTML) 24 Page - Future Technology Devices International Ltd.

Back Button FT313HQ-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 28Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
24
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Bit
Name
Type
Default value
Description
0
RS
R/W
1’b0
Run/Stop
When this bit is set to 1b, the host controller
proceeds with the execution of schedule.
0: Stop
1: Run
Table 5-5 USB command register
5.2.5 USBSTS register (address = 14h)
This register indicates pending interrupts and various states of the Host Controller. The status resulting
from a transaction on the serial bus is not indicated in this register. Software sets a bit to 0 in this
register by writing a 1 to it.
Bit
Name
Type
Default value
Description
[31:16]
Reserved
RO
16’h0
-
15
ASCH_STS
RO
1’b0
Asynchronous Schedule Status
This bit reports the actual status of the
asynchronous schedule.
14
PSCH_STS
RO
1’b0
Periodic Schedule Status
This bit reports the actual status of the periodic
schedule.
13
Reclamation
RO
1’b0
Reclamation
This is a read-only status bit, and used to detect
an empty of the asynchronous schedule.
12
HCHalted
RO
1’b1
Host Controller Halted
This bit is a zero whenever the Run/Stop bit is
set to ‘1.’ The host controller sets this bit to ‘1’
after it has stopped the executing as a result of
the Run/Stop bit being set to 0b.
[11:6]
Reserved
RO
6’b0
-
5
INT_OAA
R/WC
1’b0
Interrupt on Asynchronous Advance
This status bit indicates the assertion of interrupt
on Async Advance Doorbell.
4
H_SYSERR
R/WC
1’b0
Host System Error
The Host Controller sets this bit to ‘1’ when a
serious error occurred during a host system
access involving the host controller module.
3
FRL_ROL
R/WC
1’b0
Frame List Rollover
The host controller sets this bit to ’1’ when the
Frame List Index rolls over from its maximum
value to zero.
2
PO_CHG_DET
R/WC
1’b0
Port Change Detect
The host controller sets this bit to ’1’ when any
port has a change bit transition from ‘0’ to ‘1.’
In addition, this bit is loaded with the OR of all of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com