Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 23 Page - Future Technology Devices International Ltd.

Part # FT313HQ-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HQ-R Datasheet(HTML) 23 Page - Future Technology Devices International Ltd.

Back Button FT313HQ-R Datasheet HTML 19Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 20Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 21Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 22Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 27Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
23
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Bit
Name
Type
Default value
Description
Note1: This is further gated by MIN_WIDTH bits
of EDGEINTC register if edge trigger interrupt is
used.
Note2: In the full-speed mode, these registers
are reserved.
[15:12]
Reserved
RO
4’b0
-
11
ASYN_PK_EN
R/W
1’b1
Asynchronous Schedule Park Mode Enable
Software uses this register to enable or disable
the Park mode. When this register is set to ‘1’,
the Park mode is enabled.
10
Reserved
RO
1’b0
-
[9:8]
ASYN_PK_CNT
R/W
2’b11
Asynchronous Schedule Park Mode Count
This field contains a count for the number of
successive transactions that the host controller
is allowed to execute from a high-speed queue
head on the asynchronous schedule.
7
Reserved
RO
1’b0
-
6
INT_OAAD
R/W
1’b0
Interrupt on Asynchronous Advance
Doorbell
This bit is used as a doorbell by software to ring
the host controller to issue an interrupt at the
next advance of the asynchronous schedule.
5
ASCH_EN
R/W
1’b0
Asynchronous Schedule Enable
This bit controls whether the host controller
skips the processing of asynchronous schedule.
0: Do not process the asynchronous schedule
1: Use the ASYNCLISTADDR register to access
the asynchronous schedule
4
PSCH_EN
R/W
1’b0
Periodic Schedule Enable
This bit controls whether the host controller
skips the processing of the periodic schedule.
0: Do not process the periodic schedule
1: Use the PERIODICKISTBASE register to
access the periodic schedule
[3:2]
FRL_SIZE
R/W
2’b00
Frame List Size
This field specifies the size of the frame list.
00: 1024 elements (4096 bytes; default value)
01: 512 elements (2048 bytes)
10: 256 elements (1024 bytes)
11: Reserved
1
HC_RESET
R/W
1’b0
Host Controller Reset
This control bit is used by the software to reset
the host controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com