Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 28 Page - Future Technology Devices International Ltd.

Part # FT313HQ-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HQ-R Datasheet(HTML) 28 Page - Future Technology Devices International Ltd.

Back Button FT313HQ-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 31Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 32Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
28
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Bit
Name
Type
Default value
Description
The Port Enable Bit and Suspend Bit of this
register define the port state as follows:
Bits[Port Enable, Suspend]
Port State
0X
Disable
10
Enable
11
Suspend
At the suspend state, the downstream
propagation of the data is blocked on this port,
except for the port reset. While at the suspend
state, the port is sensitive to resume detection.
Writing a ‘0’ to this bit is ignored by the host
controller. The host controller will
unconditionally set this bit to a ‘0’ when:
The software sets Force Port Resume bit to a ‘0’
(From a one)
The software sets Port Reset bit to a ‘1’ (From a
‘0’)
Note: Before setting this bit, RUN/STOP bit
should be set to 0.
6
F_PO_RESM
R/W
1’b0
Force Port Resume
1 = Resume detected/driven on port.
0 = No resume detected/driven on port.
Software sets this bit to a ‘1’ to resume signal.
The host controller sets this bit to a ‘1’ if a J-to-K
transition is detected while the port is in the
suspend state. When this bit transits to a ‘1’ for
the detection of a J-to-K transition, the Port
Change Detect bit in USBSTS register is also set
to a ‘1’.
[5:4]
Reserved
RO
2’b00
-
3
PO_EN_CHG
R/WC
1’b0
Port Enable/Disable Change
1 = Port enable/disable status has changed.
0 = No change
2
PO_EN
R/W
1’b0
Port Enable/Disable
1 = Enable
0 = Disable
Ports can only be enabled by the host controller
as a part of the reset and enable. Software
cannot enable a port by writing a one to this
field.
1
CONN_CHG
R/WC
1’b0
Connect Status Change
1 = Change current connect status
0 = No change.
This bit indicates a change has occurred in the
current connect status of the port.
0
CONN_STS
RO
1’b0
Current Connect Status
1 = Device is presented on the port.
0 = No device is presented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com