Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT313HQ-R
Description  USB2.0 HS Embedded Host Controller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HQ-R Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT313HQ-R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT313HQ-R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
1
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Future Technology Devices
International Ltd.
FT313H
(USB2.0 HS Embedded Host
Controller)
The FT313H is a Hi-Speed Universal
Serial Bus (USB) Host Controller
compatible with Universal Serial Bus
Specification Rev 2.0 and supports
data transfer speeds of up to 480M
bit/s. The FT313H has the following
advanced features:
Single chip USB2.0 Hi-Speed compatible.
Compatible
to
Enhanced
Host
Controller
Interface Specification Rev 1.0.
The USB1.1 host is integrated into the USB2.0
EHCI compatible host controller.
Single USB host port.
Supports data transfer at high-speed (480M
bit/s), full-speed (12M bit/s), and low-speed
(1.5M bit/s).
Supports the Isochronous, Interrupt, Control,
and Bulk transfers.
Supports the split transaction for high-speed
Hub and the preamble transaction for full-
speed Hub.
Supports multiple processor interfaces with 8-
bit or 16-bit bus: SRAM, NOR Flash, and
General multiplex.
Single configurable interrupt (INT) line for host
controller.
Integrated 24kB high speed RAM memory.
Supports DMA operation.
Integrated Phase-Locked Loop (PLL) supports
external 12MHz, 19.2MHz, and 24MHz crystal,
and direct external clock source input.
Low
power
consumption
for
portable
application.
Supports bus interface I/O voltage from 1.62V
to 3.63V.
Supports hybrid power mode; VCC(3V3) is not
present, VCC(I/O) is powered.
Internal voltage regulator supplies 1.2v to the
digital core.
Supports Battery Charging Specification Rev
1.2.
The downstream port can be configured as
SDP, CDP or DCP.
Supports VBUS power switching and over
current control.
-40°C to 85°C extended operating temperature
range.
Available in compact Pb-free 64 Pin QFN, LQFP
and TQFP packages (all RoHS compliant).
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow
G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT313HQ-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT313HQ-R ETC2-FT313HQ-R Datasheet
1Mb / 67P
Future Technology Devices International Ltd
More results

Similar Description - FT313HQ-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1160 PHILIPS-ISP1160 Datasheet
1Mb / 88P
Embedded Universal Serial Bus Host Controller
Rev. 04-04 July 2003
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
Embedded USB Host/Slave Controller
logo
NEC
UPD720101 NEC-UPD720101 Datasheet
406Kb / 36P
USB2.0 HOST CONTROLLER
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
EZ-Host Programmable Embedded USB Host/Peripheral Controller
SL811HS CYPRESS-SL811HS_07 Datasheet
824Kb / 32P
Embedded USB Host/Slave Controller
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
Embedded USB Host Controller IC
VNC1L-1A FTDI-VNC1L-1A Datasheet
767Kb / 32P
Vinculum VNC1L Embedded USB Host Controller IC
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS_11 Datasheet
641Kb / 32P
Embedded USB Host/Slave Controller
CY7C67300 CYPRESS-CY7C67300_11 Datasheet
1Mb / 102P
EZ-Host Programmable Embedded USB Host and Peripheral Controller
logo
Future Technology Devic...
FT313HP-R FTDI-FT313HP-R Datasheet
1Mb / 67P
USB2.0 HS Embedded Host Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com