Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3910 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 9Page - STMicroelectronics ST25R3910 Datasheet HTML 10Page - STMicroelectronics ST25R3910 Datasheet HTML 11Page - STMicroelectronics ST25R3910 Datasheet HTML 12Page - STMicroelectronics ST25R3910 Datasheet HTML 13Page - STMicroelectronics ST25R3910 Datasheet HTML 14Page - STMicroelectronics ST25R3910 Datasheet HTML 15Page - STMicroelectronics ST25R3910 Datasheet HTML 16Page - STMicroelectronics ST25R3910 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
DocID029768 Rev 2
13/65
ST25R3910
Functional overview
35
Gain reduction, AGC and Squelch
The total gain of receiver chain is 160. In certain conditions it is desirable to reduce this gain.
There are several features implemented in the Receiver to reduce this gain.
Automatic Gain Reduction (AGC)
The automatic gain control feature is useful in case the tag is close to the reader. In such
conditions the receiver chain is in saturation and demodulation can be influenced by system
noise and saturation of last gain stage. When AGC is switched on receiver gain is reduced
so that the input to digitizer stage is not saturated. The AGC system comprises a window
comparator with a window three times larger than the one of the digitalization window
comparator. When the AGC function is enabled the gain is reduced until there are no
transitions on its output. Such procedure ensures that the input to digitalization window
comparator is less than three times larger than its window.
AGC operation is controlled by the Receiver Configuration Register bits agc_en and agc_m.
Agc_en bit enables AGC operation, agc_m defines AGC operating mode. The AGC action
is started 20 μs after the rising edge of signal rx_on. In case agc_m bit is 0 it will operate
during a complete receive period, in case it is 1 it will operate on the first 8 subcarrier pulses.
The AGC is reducing gain by 21 dB in 7 steps of 3 dB. When signal rx_on is low AGC is in
reset.
Squelch
This feature is designed for operation of the receiver in noisy conditions. The noise can
come from tags (caused by the processing of reader commands), or it can come from a
noisy environment. This noise may be misinterpreted as start of tag response, resulting in
decoding errors.
During execution of the Squelch procedure the output of the digitizing comparator is
observed. In case there are more than two transitions on this output in a 50 μs time period,
the receiver gain is reduced by 3 dB, and the output is observed during the next 50 μs. This
procedure is repeated until the number of transitions in 50 μs is lower or equal to two, or
until the maximum gain reduction is reached. This gain reduction can be cleared sending
the direct command Clear Squelch.
During execution of the direct command Squelch the digital output of receiver (output of
window comparator mentioned above) is observed. In case there are more than two
transitions on this output in 50 μs time period, the gain is reduced by 3 dB and output is
observed during next 50 μs. This procedure is repeated until the number of transitions in
50 μs is lower or equal to two, or until the maximum gain reduction (21 dB) is reached. This
setting is cleared with direct command Clear Squelch.
Setting gain reduction
By setting bits rg2 to rg0 in Receiver Configuration Register receiver gain can also be
reduced in seven steps of 3 dB.
Actual gain reduction is combination of all three gain reduction features mentioned above
(AGC, Squelch and setting gain reduction in Receiver Configuration Register). Actual gain
reduction state can also be observed by reading the Receiver State Display Register bits
gr_2 to gr_0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com