Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3910 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 36Page - STMicroelectronics ST25R3910 Datasheet HTML 37Page - STMicroelectronics ST25R3910 Datasheet HTML 38Page - STMicroelectronics ST25R3910 Datasheet HTML 39Page - STMicroelectronics ST25R3910 Datasheet HTML 40Page - STMicroelectronics ST25R3910 Datasheet HTML 41Page - STMicroelectronics ST25R3910 Datasheet HTML 42Page - STMicroelectronics ST25R3910 Datasheet HTML 43Page - STMicroelectronics ST25R3910 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
ST25R3910
40/65
DocID029768 Rev 2
1.3.4
Configuration Register 3 (ISO-14443A and NFC)
Address: 03h
Type: RW
Table 11. Configuration Register 3 (ISO-14443A and NFC)(1)
Bit
Name
Default
Function
Comments
7
crc_rx
0
1: Receive without CRC
For ISO-14443A anticollision. Valid
only for ISO14443A mode, receive
without CRC is not supported in
ISO14443B mode.
6
no_par
0
1: No byte parity check
When set to 1 parity bits are still
detected and removed before
received data is put in FIFO, but
without checking their correctness.
5
p_len3
0
p_len3
p_len2
p_len1
p_len0 Reduction
Modulation pulse reduction,
defined in number of 13.56 MHz
clock periods.
4
p_len2
0
0
0
0
0
0
3
p_len1
0
0
0
0
1
74 ns
2
p_len0
0
1
1
1
1
1106 ns
1-
-
Not used
-
0-
-
-
1. Default setting takes place at power-up and after Set Default command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com