Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3910 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 26Page - STMicroelectronics ST25R3910 Datasheet HTML 27Page - STMicroelectronics ST25R3910 Datasheet HTML 28Page - STMicroelectronics ST25R3910 Datasheet HTML 29Page - STMicroelectronics ST25R3910 Datasheet HTML 30Page - STMicroelectronics ST25R3910 Datasheet HTML 31Page - STMicroelectronics ST25R3910 Datasheet HTML 32Page - STMicroelectronics ST25R3910 Datasheet HTML 33Page - STMicroelectronics ST25R3910 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
Functional overview
ST25R3910
30/65
DocID029768 Rev 2
NFCIP initiator
If the ST25R3910 is an NFCIP initiator, the microcontroller activates the oscillator and the
receiver, and prepares everything for transmitting as in case of the ISO-14443 transmission.
The transmission is actually executed by direct command NFC Transmit with Initial RF
Collision Avoidance.
The events that follow are the same as described in NFCIP target, with the difference that
the roles of the initiator and target are interchanged.
The Target Activation Detector may also be used in case of the NFCIP initiator operation to
detect the moment when the target RF field turns on and off.
1.2.14
AM modulation depth: definition and calibration
The AM modulation of the transmitted carrier is used for communication reader to tag in two
configuration cases:
•
ISO-14443B mode is configured in the ISO Mode Definition Register
•
Transparent mode with AM modulation (direct command Transparent Mode, bit am of
the Configuration Register 5 is set to 1)
In other cases the OOK modulation is used.
The AM modulation depth can be automatically adjusted by setting the Modulation Depth
Definition Register and sending the direct command Calibrate Modulation Depth. There is
also an alternative possibility where the command Calibrate Modulation Depth is not used
and the modulated level is defined by writing the Antenna Driver AM Modulated Level
Definition Register.
AM modulation depth definition using the direct command Calibrate
Modulation Depth
Before sending the direct command Calibrate Modulation Depth the Modulation Depth
Definition Register has to be configured in the following way:
•
Bit 7 (am_s) has to be set to 0 to choose definition by the command Calibrate
Modulation Depth
•
Bits 6 to 1 (mod5 to mod0) define target AM modulation depth
Definition of modulation depth using bits mod5 to mod0
The RFID standard documents usually define the AM modulation level in form of the
modulation index. The modulation index is defined as (a-b)/(a+b), where a and b are,
respectively, the amplitude of the non-modulated carrier and of the modulated carrier.
The bits mod5 to mod0 are used to calculate the amplitude of the modulated level. The non-
modulated level that was before measured by the A/D converter and stored in an 8 bit
register is divided by a binary number in range from 1 to 1.98. Bits mod5 to mod0 define
binary decimals of this number.
Example
In case of the modulation index 10% the modulated level amplitude is 1.2222 times lower
than the non-modulated level.
1.2222 converted to binary and truncated to 6 decimals is 1.001110. So in order to define
the modulation index 10% the bits mod5 to mod0 have to be set to 001110.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com