Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3910 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 19Page - STMicroelectronics ST25R3910 Datasheet HTML 20Page - STMicroelectronics ST25R3910 Datasheet HTML 21Page - STMicroelectronics ST25R3910 Datasheet HTML 22Page - STMicroelectronics ST25R3910 Datasheet HTML 23Page - STMicroelectronics ST25R3910 Datasheet HTML 24Page - STMicroelectronics ST25R3910 Datasheet HTML 25Page - STMicroelectronics ST25R3910 Datasheet HTML 26Page - STMicroelectronics ST25R3910 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
DocID029768 Rev 2
23/65
ST25R3910
Functional overview
35
FIFO water level and FIFO status registers
The ST25R3910 contains a 32 byte FIFO. In case of transmitting the Control logic shifts the
data that was previously loaded by the external microcontroller to the Framing Block and
further to the transmitter. During reception, the demodulated data is stored in the FIFO and
the external microcontroller can download received data at a later moment.
Transmit and receive capabilities of the ST25R3910 are not limited by the FIFO size due to
a FIFO water level interrupt system. During transmission an interrupt is sent (INTR due to
FIFO water level in the Interrupt Register) when the content of data in the FIFO still to be
sent is lower than the FIFO water level for receive. The external microcontroller can now
add more data in the FIFO. The same stands for the reception: when the number of
received bytes exceeds the FIFO water level for receive an interrupt is sent to inform the
external controller that data has to be downloaded from FIFO.
The external controller has to serve the FIFO faster than data is transmitted or received.
Using SCLK frequency that is at least double than the actual receive or transmit bit rate is
recommended.
There are two settings of the FIFO water level available for receive and transmit in the
Configuration Register 5.
After data are received the external microcontroller needs to know how long the received
data string was before downloading data from the FIFO: This information is available in the
FIFO Status Register, which displays number of bytes in the FIFO that were not read out.
The FIFO Status Register also contains a FIFO overflow bit, set when during reception the
external processor did not react on time and more than 32 bytes were written in FIFO (the
received data are lost in this case).
1.2.10
Direct commands
Table 4. Direct commands
Code
Command
Comments
000001
Set default
Puts the ST25R3910 in default state (same as after
power-up)
000010
Clear
Stops all activities and clears FIFO
000100
Transmit with CRC
Starts a transmit sequence using automatic CRC
generation
000101
Transmit without CRC
Starts a transmit sequence without automatic CRC
generation
000110
Transmit REQA
Transmits REQA command (ISO-14443A mode only
000111
Transmit WUPA
Transmits WUPA command (ISO-14443A mode only)
001000
NFC transmit
with Initial RF Collision Avoidance
Equivalent to Transmit with CRC with additional RF
Collision Avoidance
001001
NFC transmit
with Response RF Collision Avoidance
001010
NFC transmit
with Response RF Collision Avoidance with n=0
010000
Mask receive data
Receive after this command is ignored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com