Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3910 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 45Page - STMicroelectronics ST25R3910 Datasheet HTML 46Page - STMicroelectronics ST25R3910 Datasheet HTML 47Page - STMicroelectronics ST25R3910 Datasheet HTML 48Page - STMicroelectronics ST25R3910 Datasheet HTML 49Page - STMicroelectronics ST25R3910 Datasheet HTML 50Page - STMicroelectronics ST25R3910 Datasheet HTML 51Page - STMicroelectronics ST25R3910 Datasheet HTML 52Page - STMicroelectronics ST25R3910 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
DocID029768 Rev 2
49/65
ST25R3910
55
1.3.17
Modulation Depth Definition Register
Address: 10h
Type: RW
1.3.18
Modulation Depth Display Register
Address: 11h
Type: R
Table 24. Modulation Depth Definition Register(1)
Bit
Name
Default
Function
Comments
7am_s
0
0: AM modulated level is defined by
bits mod5 to mod0. Level is adjusted
automatically by Calibrate
Modulation Depth command
1: AM modulated level is defined by
bits dram7 to dram0.
-
6
mod5
0
MSB
See Section 1.2.14: AM modulation depth:
definition and calibration on page 30 for details
about AM modulation lavel definition.
5
mod4
0
-
4
mod3
0
-
3
mod2
0
-
2
mod1
0
-
1
mod0
0
LSB
0
-
-
Not used
-
1. Default setting takes place at power-up and after Set Default command.
Table 25. Modulation Depth Display Register(1)
Bit
Name
Default
Function
Comments
7
md_7
0
MSB
Displays result of Calibrate Modulation Depth
command.
Antenna drivers are composed of 8 binary
weighted segments. Bit md_x set to 1 indicates
that this particular segment will be disabled
during AM modulated state.
6
md_6
0
-
5
md_5
0
-
4
md_4
0
-
3
md_3
0
-
2
md_2
0
-
1
md_1
0
-
0
md_0
0
LSB
1. At power-up and after Set Default command content of this register is set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com