Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3910 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 38Page - STMicroelectronics ST25R3910 Datasheet HTML 39Page - STMicroelectronics ST25R3910 Datasheet HTML 40Page - STMicroelectronics ST25R3910 Datasheet HTML 41Page - STMicroelectronics ST25R3910 Datasheet HTML 42Page - STMicroelectronics ST25R3910 Datasheet HTML 43Page - STMicroelectronics ST25R3910 Datasheet HTML 44Page - STMicroelectronics ST25R3910 Datasheet HTML 45Page - STMicroelectronics ST25R3910 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
ST25R3910
42/65
DocID029768 Rev 2
1.3.6
Configuration Register 5
Address: 05h
Type: RW
Table 13. IO Configuration Register 5(1)
Bit
Name
Default
Function
Comments
7pmd
0
0: AM demodulation
1: PM demodulation
AM/PM demodulation selection
6am
0
0: OOK
1: AM
Valid for Transparent mode. For ISO-14443
and NFC modes, modulation type is set
automatically (ISO-14443A and NFC is
OOK, ISO-14443B is AM, see Modulation
Depth Definition Register)
5-
-
Not used
-
4-
-
-
3-
-
-
2
fifo_lr
0
0: 28
1: 24
FIFO water level for receive
1
fifo_lt
0
0: 4
1: 8
FIFO water level for transmit
0
-
-
Not used
-
1. Default setting takes place at power-up and after Set Default command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com