Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3910 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 13Page - STMicroelectronics ST25R3910 Datasheet HTML 14Page - STMicroelectronics ST25R3910 Datasheet HTML 15Page - STMicroelectronics ST25R3910 Datasheet HTML 16Page - STMicroelectronics ST25R3910 Datasheet HTML 17Page - STMicroelectronics ST25R3910 Datasheet HTML 18Page - STMicroelectronics ST25R3910 Datasheet HTML 19Page - STMicroelectronics ST25R3910 Datasheet HTML 20Page - STMicroelectronics ST25R3910 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 65 page
background image
DocID029768 Rev 2
17/65
ST25R3910
Functional overview
35
At power-up the regulated voltage is set to its maximum, i.e. 3.4 V.
The regulator voltage can then be set automatically or “manually”. The automatic procedure
is started by sending the direct command Adjust Regulators. In this procedure regulated
voltage is set 250 mV below VDD. This procedure ensures that reader operates with
maximum possible power while still achieving a good PSRR.
Regulator operation can be controlled and observed by writing and reading two Regulator
registers. Regulator Display Register is a read only register that displays actual regulated
voltage when regulator is operating. In Power-down mode its content is forced to 00.
By writing Regulated Voltage Definition Register the user chooses between automatic and
“manual” adjustment of regulated voltage. Automatic mode is chosen when bit reg_s is 0
(default and also recommended state). When bit reg_s is asserted to 1 regulated voltage is
defined by bits rege_3 to rege_0 of the same register.
1.2.9
Communication with an external microcontroller
The ST25R3910 is a slave devices and the external microcontroller initiates all
communication. Communication is performed by a 4-wire Serial Peripheral Interface (SPI).
The ST25R3910 sends an interrupt request (pin INTR) to the microcontroller, which can use
clock signal available on pin MCU_CLK when the oscillator is running. The microcontroller
can also drive pin EN. Putting this pin high has the same function as setting the Operation
Control Register bit en (entry in Ready mode).
Serial Peripheral Interface (SPI)
While signal SEN is low the SPI interface is in reset, while it is high the SPI is enabled. It is
recommended to keep SEN low whenever the SPI is not in use. SDATAI is sampled at the
falling edge of SCLK. All communication is done in blocks of 8 bits (bytes). First two bits of
first byte transmitted after low to high transition of SEN define SPI operation mode.
MSB bit is always transmitted first (valid for address and data).
Read and Write modes support address auto-incrementing. This means that if some
additional data bytes are sent/read after the address and first data byte, they are written
to/read from addresses incremented by ‘1’. Figure 4 defines possible modes.
Table 1. Serial data interface (4-wire interface) signal lines
Name
Signal
Signal level
Description
SEN
Digital input
CMOS
SPI Enable (active low)
SDATAI
Digital input
Serial data input
SDATAO
Digital output with tristate
Serial data output
SCLK
Digital input
Clock for serial communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com