Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3910 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 35Page - STMicroelectronics ST25R3910 Datasheet HTML 36Page - STMicroelectronics ST25R3910 Datasheet HTML 37Page - STMicroelectronics ST25R3910 Datasheet HTML 38Page - STMicroelectronics ST25R3910 Datasheet HTML 39Page - STMicroelectronics ST25R3910 Datasheet HTML 40Page - STMicroelectronics ST25R3910 Datasheet HTML 41Page - STMicroelectronics ST25R3910 Datasheet HTML 42Page - STMicroelectronics ST25R3910 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 65 page
background image
DocID029768 Rev 2
39/65
ST25R3910
55
1.3.3
Configuration Register 2
Address: 02h
Type: RW
Table 10. Configuration Register 2(1)
Bit
Name
Default
Function
Comments
7
sing
0
1: Only RFO1 driver will be used
Choose between single and
differential antenna driving
6
envi
0
1: Input applied to RFI1 is envelope
RF envelope input
5
tf2
0
1: Reduces first stage gain by 11 dB When both bits are set there is a
17 dB gain reduction
4
tf1
0
1: Reduces first stage gain by 6 dB
3
osc
1
0: 13.56 MHz Xtal
1: 27.12 MHz Xtal
Selector for crystal oscillator
2
out_cl1
0
out_cl1
out_cl0
MCU_CLK
Selection of clock frequency on
MCU_CLK output.
In case of “11” MCU_CLK output is
permanently low.
1
out_cl0
0
00
3.39 MHz
01
6.78 MHz
1
0
13.56 MHz
1
1
No output
0
-
-
Not used
-
1. Default setting takes place at power-up and after Set Default command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com