Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3910 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 34Page - STMicroelectronics ST25R3910 Datasheet HTML 35Page - STMicroelectronics ST25R3910 Datasheet HTML 36Page - STMicroelectronics ST25R3910 Datasheet HTML 37Page - STMicroelectronics ST25R3910 Datasheet HTML 38Page - STMicroelectronics ST25R3910 Datasheet HTML 39Page - STMicroelectronics ST25R3910 Datasheet HTML 40Page - STMicroelectronics ST25R3910 Datasheet HTML 41Page - STMicroelectronics ST25R3910 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
ST25R3910
38/65
DocID029768 Rev 2
1.3.2
Operation Control Register
Address: 01h
Type: RW
Note:
Receive low power operation reduces the input sensitivity in exchange for lower power
consumption. If Rx consumption is reduced from 10 to 5 mA, 10 mA reader operation is
possible.
Table 9. Operation Control Register(1)
Bit
Name
Default
Function
Comments
7en
0
1: Enables oscillator and regulator
(Ready mode)
Internally OR-ed with the EN pin
6
rx_en
0
1: Enables Rx operation
-
5
rx_lp
0
1: Enables Low power receiver operation Receive consumption is reduced
4
tx_en
0
1: Enables RF output
-
3
nfc_t
0
1: Enables Initial NFC target mode
When RF field is detected, interrupt is sent
2-
-
Not used
-
1-
-
-
0-
-
-
1. Default setting takes place at power-up and after Set Default command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com