Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3910 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 29Page - STMicroelectronics ST25R3910 Datasheet HTML 30Page - STMicroelectronics ST25R3910 Datasheet HTML 31Page - STMicroelectronics ST25R3910 Datasheet HTML 32Page - STMicroelectronics ST25R3910 Datasheet HTML 33Page - STMicroelectronics ST25R3910 Datasheet HTML 34Page - STMicroelectronics ST25R3910 Datasheet HTML 35Page - STMicroelectronics ST25R3910 Datasheet HTML 36Page - STMicroelectronics ST25R3910 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 65 page
background image
DocID029768 Rev 2
33/65
ST25R3910
Functional overview
35
opposite case, when the resonance frequency is lower than target, the result of A/D
conversion is lower than 0111 1111.
Execution of the command Check Antenna Resonance is fast and can be used frequently to
check whether system settings are correct.
Calibrate Antenna Resonance
In order to implement the antenna LC tank calibration binary weighted trimming capacitors
have to be connected between the two coil terminals to the pads TRIM1_3 to TRIM1_0 and
TRIM2_3 to TRIM2_0. In case single driver is used only the pads TRIM1_3 to TRIM1_0 are
used, pads TRIM2_3 to TRIM2_0 are left open.
Figure 11 shows connection of the trim capacitors for both single (left side) and differential
(right side) driving. The TRIMx_y pads contain the HVNMOS switch transistors to VSS.
During trimming procedure the resonance frequency is adjusted by connecting some of the
trimming capacitors to VSS and leaving the other ones floating.
Figure 11. Connection of trimming capacitors to the antenna LC tank
The switches of the same binary weight are driven from the same source and are both on or
off (the switches TRIM1_2 and TRIM2_2 are for example both either on of off). The
breakdown voltage of the HVNMNOS switch transistors is 30 V, this limits the maximum
peak to peak voltage on LC tank in case trimming is used. The on resistance of TRIM1_0
and TRIM2_0 switch transistors (to be connected to LSB trimming capacitor) is typically
50 Ω at VSP = 3 V, the on resistance of other pads is binary weighted (the on resistance of
TRIM1_3 and TRIM2_3 is 6.25 Ω).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com