Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3910 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 33Page - STMicroelectronics ST25R3910 Datasheet HTML 34Page - STMicroelectronics ST25R3910 Datasheet HTML 35Page - STMicroelectronics ST25R3910 Datasheet HTML 36Page - STMicroelectronics ST25R3910 Datasheet HTML 37Page - STMicroelectronics ST25R3910 Datasheet HTML 38Page - STMicroelectronics ST25R3910 Datasheet HTML 39Page - STMicroelectronics ST25R3910 Datasheet HTML 40Page - STMicroelectronics ST25R3910 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
DocID029768 Rev 2
37/65
ST25R3910
55
1.3.1
ISO Mode Definition Register
Address: 00h
Type: RW
Table 8. ISO Mode Definition Register(1)
Bit
Name
Default
Function
Comments
7nfc(2)
0
1: NFCIP-1
0: ISO-14443
Enables NFCIP-1,
106 kbps active communication mode
6
b_a
0
1: ISO-14443B
0: ISO-14443A
Applicable if nfc = 0
5tx_rate2
0
tx_rate2
tx_rate1
tx_rate0
Bit rate
Select ISO-14443 data rate for
transmit. Applicable if nfc = 0
4
tx_rate1
0
000
106 kbps
3tx_rate0
0
001
212 kbps
010
424 kbps
011
848 kbps
1x
x
RFU
2rx_rate2
0
rx_rate2
rx_rate1
rx_rate0
Bit rate
Select ISO-14443 data rate for
receive. Applicable if nfc = 0
1
rx_rate1
0
0
0
0
106 kbps
0rx_rate0
0
001
212 kbps
010
424 kbps
011
848 kbps
1x
x
RFU
1. Default setting takes place at power-up and after Set Default command.
2. If nfc=1, both transmit and receive data rates are set to 106 kbps independently from TX and RX setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com