Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3910 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 42Page - STMicroelectronics ST25R3910 Datasheet HTML 43Page - STMicroelectronics ST25R3910 Datasheet HTML 44Page - STMicroelectronics ST25R3910 Datasheet HTML 45Page - STMicroelectronics ST25R3910 Datasheet HTML 46Page - STMicroelectronics ST25R3910 Datasheet HTML 47Page - STMicroelectronics ST25R3910 Datasheet HTML 48Page - STMicroelectronics ST25R3910 Datasheet HTML 49Page - STMicroelectronics ST25R3910 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
ST25R3910
46/65
DocID029768 Rev 2
1.3.12
Number of Transmitted Bytes Register 0
Address: 0Bh
Type: RW
1.3.13
Number of Transmitted Bytes Register 1
Address: 0Ch
Type: RW
Table 19. Number of Transmitted Bytes Register 0(1)
Bit
Name
Default
Function
Comments
7ntx1
0
Number of bytes to be transmitted in one
command (LSB bits)
Maximum supported number of bytes is 1023
6ntx0
0
5nbtx2
0
Number of bits in the split byte,
000 means that the split byte is actually a
complete byte
Applicable only to ISO-14443A bit oriented
anticollision frame in case last byte is a split
byte
4nbtx1
0
3nbtx0
0
2
-
0
Not used
-
1
frm4(2)
0
1: 4bit response frame
Has to be set to 1 when 4bit response frame
is expected (Mifare Ultralight)
0antcl(2)
0
1: ISO-14443 anticollision frame
Has to be set to 1 when ISO-14443A
bit-oriented anticollision frame is sent
1. Default setting takes place at power-up, after Set Default and after Clear commands.
2. Cleared after transmission.
Table 20. Number of Transmitted Bytes Register 1(1)
Bit
Name
Default
Function
Comments
7ntx9
0
Number of bytes to be transmitted in one
command (MSB bits)
Maximum supported number of bytes is 1023
6ntx8
0
5ntx7
0
4ntx6
0
3ntx5
0
2ntx4
0
1ntx3
0
0ntx2
0
1. Default setting takes place at power-up, after Set Default and after Clear commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com