Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3910 Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 18Page - STMicroelectronics ST25R3910 Datasheet HTML 19Page - STMicroelectronics ST25R3910 Datasheet HTML 20Page - STMicroelectronics ST25R3910 Datasheet HTML 21Page - STMicroelectronics ST25R3910 Datasheet HTML 22Page - STMicroelectronics ST25R3910 Datasheet HTML 23Page - STMicroelectronics ST25R3910 Datasheet HTML 24Page - STMicroelectronics ST25R3910 Datasheet HTML 25Page - STMicroelectronics ST25R3910 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 65 page
background image
Functional overview
ST25R3910
22/65
DocID029768 Rev 2
Direct Command Mode
Direct Command Mode has no arguments, so a single byte is sent. SPI operation mode bits
11 indicate Direct Command Mode. The following six bits define command code, sent MSB
to LSB. The command is executed on falling edge of last clock (see Figure 10).
Figure 10. SPI communication: direct command
Interrupt interface
When an interrupt condition is met the source of interrupt bit is set in the Interrupt Register
and the INTR pin transitions to high.
The microcontroller then reads the Interrupt Register to distinguish between different
interrupt sources. After the Interrupt Register is read its content is reset to 0 and INTR pin
signal transitions to low.
Note:
There may be more than one interrupt bit set in case the microcontroller does not
immediately read the Interrupt Register after the INTR signal has been set and another
event causing interrupt has occurred.
If an interrupt from a certain source is not required, it can be disabled by setting
corresponding bit in the Mask Interrupt Register. When masking a given interrupt source the
interrupt is not produced, but the source of interrupt bit is still set in Interrupt Register.
After reading the Interrupt Register the 13.56 MHz clock coming from the oscillator is used
to produce a reset signal that clears it and resets INTR signal. Practically in all interrupt
cases the oscillator is running when an interrupt is produced. The only exception is the
interrupt in the Initial NFC Target mode where only the Target Activation Detector is
operating. In this case the interrupt is cleared with first SCLK rising edge following reading
of the Interrupt Register (an extra dummy CLK pulse during reading of the Interrupt Register
or the first SCLK pulse of the next SPI command will do the job).
Table 3. INTR output
Name
Signal
Signal level
Description
INTR
Digital output
CMOS
Interrupt output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com