Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31PX Datasheet(PDF) 56 Page - STMicroelectronics

Part # STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STMPE16M31PX Datasheet HTML 52Page - STMicroelectronics STMPE16M31PX Datasheet HTML 53Page - STMicroelectronics STMPE16M31PX Datasheet HTML 54Page - STMicroelectronics STMPE16M31PX Datasheet HTML 55Page - STMicroelectronics STMPE16M31PX Datasheet HTML 56Page - STMicroelectronics STMPE16M31PX Datasheet HTML 57Page - STMicroelectronics STMPE16M31PX Datasheet HTML 58Page - STMicroelectronics STMPE16M31PX Datasheet HTML 59Page - STMicroelectronics STMPE16M31PX Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
Touch sensor controller
STMPE16M31PX
56/75
Doc ID 17058 Rev 2
MAF_SET
Median averaging filter register
Address:
0x78
Type:
RW
Reset:
0x00
Description:
This register chooses the median averaging filter mode.
DATA_TYPE
Data type definition register
Address:
0x7C
Type:
RW
Reset:
0x00
Description:
This register define the type of data to be accessed at capacitive channel data
register.
76
543
210
Reserved
MAF_Mode
MAF_EN
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[2:1] MAF_Mode
‘00’ to collect 10 samples, remove 2 samples
‘01’ to collect 18 samples, remove 2 samples
‘10’ to collect 20 samples, remove 4 samples
[0] MAF_EN
‘1’ Enable the MAF
‘0’ Disable the MAF
76
543
210
MODE
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7:0] MODE
0x01: TVR (9-bit)
0x02: EVR (9-bit)
0x03: Channel delay (6-bit)
0x04: Impedance (13-bit)
0x05: Calibrated impedance (13-bit)
0x06: Locked impedance (13-bit)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com