Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31PX Datasheet(PDF) 39 Page - STMicroelectronics

Part # STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STMPE16M31PX Datasheet HTML 35Page - STMicroelectronics STMPE16M31PX Datasheet HTML 36Page - STMicroelectronics STMPE16M31PX Datasheet HTML 37Page - STMicroelectronics STMPE16M31PX Datasheet HTML 38Page - STMicroelectronics STMPE16M31PX Datasheet HTML 39Page - STMicroelectronics STMPE16M31PX Datasheet HTML 40Page - STMicroelectronics STMPE16M31PX Datasheet HTML 41Page - STMicroelectronics STMPE16M31PX Datasheet HTML 42Page - STMicroelectronics STMPE16M31PX Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
STMPE16M31PX
PWM controller
Doc ID 17058 Rev 2
39/75
PWM_MASTER_EN
Master enable register
Address:
0x30
Type:
RW
Reset:
0x00
Description:
ENABLE/DISABLE setting of all PWM channels.
Address
Register name
Reset value
R/W
Description
0x50
PWM_4_SET
0x00
RW
PWM4 setup
0x51
PWM_4_CTRL
0x00
RW
PWM4 control
0x52
PWM_4_RAMP
0x00
RW
PWM4 ramp rate
0x53
PWM_4_TRIG
0x00
RW
PWM4 trigger
0x54
PWM_5_SET
0x00
RW
PWM5 setup
0x55
PWM_5_CTRL
0x00
RW
PWM5 control
0x56
PWM_5_RAMP
0x00
RW
PWM5 ramp rate
0x57
PWM_5_TRIG
0x00
RW
PWM5 trigger
0x58
PWM_6_SET
0x00
RW
PWM6 setup
0x59
PWM_6_CTRL
0x00
RW
PWM6 control
0x5A
PWM_6_RAMP
0x00
RW
PWM6 ramp rate
0x5B
PWM_6_TRIG
0x00
RW
PWM6 trigger
0x5C
PWM_7_SET
0x00
RW
PWM7 setup
0x5D
PWM_7_CTRL
0x00
RW
PWM7 control
0x5E
PWM_7_RAMP
0x00
RW
PWM7 ramp rate
0x5F
PWM_7_TRIG
0x00
RW
PWM7 trigger
Table 12.
PWM function registers (continued)
76
543
210
EN7
EN6
EN5
EN4
EN3
EN2
EN1
EN0
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7:0] EN-X (X = 7-0)
Write ‘1’ to enable the corresponding PWM channel
Read ‘0’ if the PWM sequence is completed
If PWM is set to be touch sensor-triggered :
Read ‘1’ if the corresponding PWM channel is running
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com