Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31PX Datasheet(PDF) 29 Page - STMicroelectronics

Part # STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STMPE16M31PX Datasheet HTML 25Page - STMicroelectronics STMPE16M31PX Datasheet HTML 26Page - STMicroelectronics STMPE16M31PX Datasheet HTML 27Page - STMicroelectronics STMPE16M31PX Datasheet HTML 28Page - STMicroelectronics STMPE16M31PX Datasheet HTML 29Page - STMicroelectronics STMPE16M31PX Datasheet HTML 30Page - STMicroelectronics STMPE16M31PX Datasheet HTML 31Page - STMicroelectronics STMPE16M31PX Datasheet HTML 32Page - STMicroelectronics STMPE16M31PX Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 75 page
background image
STMPE16M31PX
System controller
Doc ID 17058 Rev 2
29/75
GPIO_INT_EN
Interrupt enable GPIO register
Address:
0x0C – 0x0D
Type:
R/W
Reset:
0x0000
Description:
This register is used to enable the generation of interrupt signal, at the INT pin.
LSB (0x0C)
MSB (0x0D)
PWM_INT_STA
Interrupt status PWM register
Address:
0x0E
Type:
R/W
Reset:
0x00
Description:
When a PWM controller completes the PWM sequence, the corresponding bit in this
register goes to ‘1’. Write ‘1’ in this register clears the written bit, writing ‘0’ has no
effect.
76
543
210
IO-7
IO-6
IO-5
IO-4
IO-3
IO-2
IO-1
IO-0
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
76
543
210
IO-15
IO-14
IO-13
IO-12
IO-11
IO-10
IO-9
IO-8
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7:0] IO - X
Interrupt status of GPIO - X
Read ‘1’ if state transition is detected in corresponding GPIO channel
Write’1’ to clear the interrupt staus.
76
543
210
PWM-7
PWM-6
PWM-5
PWM-4
PWM-3
PWM-2
PWM-1
PWM-0
RW
RW
RW
RW
RW
RW
RW
RW
00
000
000
[7:0] PWM - X
Interrupt status of PWM – X.
Read ‘1’ if the corresponding PWM channel complete programmed sequence
Write ‘1’ to clear the interrupt status
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com