Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31PX Datasheet(PDF) 26 Page - STMicroelectronics

Part # STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STMPE16M31PX Datasheet HTML 22Page - STMicroelectronics STMPE16M31PX Datasheet HTML 23Page - STMicroelectronics STMPE16M31PX Datasheet HTML 24Page - STMicroelectronics STMPE16M31PX Datasheet HTML 25Page - STMicroelectronics STMPE16M31PX Datasheet HTML 26Page - STMicroelectronics STMPE16M31PX Datasheet HTML 27Page - STMicroelectronics STMPE16M31PX Datasheet HTML 28Page - STMicroelectronics STMPE16M31PX Datasheet HTML 29Page - STMicroelectronics STMPE16M31PX Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
System controller
STMPE16M31PX
26/75
Doc ID 17058 Rev 2
INT_STA
Interrupt status register
Address:
0x08
Type:
R/W
Reset:
0x00
Description:
This register holds interrupt status from each event.
76
543
210
GPIO
PWM
WAKEUP
ENV
EOC
TOUCH
PROX
RESERVED
RW
RW
RW
RW
RW
RW
RW
-
00
000
000
[7] GPIO: Activity in GPIO
Read ‘1’ if GPIO event occurs
Write ‘1’ to clear the interrupt status
[6] PWM: Any channel of PWM has completed the programmed sequence
Read ‘1’ if PWM event occurs
Write ‘1’ to clear the interrupt status
[5] Device wake up from SLEEP or HIBERNATE mode
Read ‘1’ if wake-up event occurs
Write ‘1’ to clear the interrupt status
[4] ENV: Possible drastic/abnormal environmental changes that requires attention from system
software. This event includes ‘calibration stuck’ and ‘tuning out of range’. If this bit is set, it is
recommended that the host software initiates an unconditional calibration.
Read ‘1’ if the events occur
Write ‘1’ to clear the interrupt status
[3] EOC: End of calibration
Read ‘1’ if the host-triggered calibration has completed
Write ‘1’ to clear the interrupt status
[2] TOUCH: Touch-key event
Read ‘1’ if touch is detected
Write ‘1’ to clear the interrupt status
[1] PROX: Proximity sensor event
Read ‘1’ if proximity sensor detects an object
Write ‘1’ to clear the interrupt status
[0] RESERVED
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com