Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31PX Datasheet(PDF) 69 Page - STMicroelectronics

Part # STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STMPE16M31PX Datasheet HTML 65Page - STMicroelectronics STMPE16M31PX Datasheet HTML 66Page - STMicroelectronics STMPE16M31PX Datasheet HTML 67Page - STMicroelectronics STMPE16M31PX Datasheet HTML 68Page - STMicroelectronics STMPE16M31PX Datasheet HTML 69Page - STMicroelectronics STMPE16M31PX Datasheet HTML 70Page - STMicroelectronics STMPE16M31PX Datasheet HTML 71Page - STMicroelectronics STMPE16M31PX Datasheet HTML 72Page - STMicroelectronics STMPE16M31PX Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 75 page
background image
STMPE16M31PX
DC electrical characteristics
Doc ID 17058 Rev 2
69/75
16
DC electrical characteristics
-40 to 85 °C unless stated otherwise.
Table 18.
DC electrical characteristics
Symbol
Parameter
Test conditions
Value
Unit
Min
Typ
Max
Vcc
Core supply voltage
1.65
-
1.95
V
Vio
IO supply voltage
2.7
-
5.5
V
Iactive
ACTIVE current
2 MHz/32 sensor clock,
PROXIMITY engine
active
-
600
900
µA
Iactive
ACTIVE current
2 MHz/32 sensor clock,
with/without touch, key
only
-
400
600
µA
Isleep
SLEEP current
2 MHz/32 sensor clock,
without touch
-50
75
µA
Ihibernate HIBERNATE current
No sensing capability.
Hotkey available
-5
8
µA
VIL
Input voltage low state
(RESET/A0/A1/I2C)
VCC = 1.8 V
-0.3V
-
0.35Vcc
V
VIH
Input voltage high state
(RESET/A0/A1/I2C)
VCC =1.8 V
0.75Vc
c
-
Vcc+0.3
V
V
VIL
Input voltage low state
(GPIO)
VIO = 2.7 - 5.5 V
-0.3V
-
0.35Vio
V
VIH
Input voltage high state
(GPIO)
VIO = 2.7 - 5.5 V
0.65Vio
-
Vio+0.3
V
V
VOL
Output voltage low state
(GPIO)
VIO =2.7 -5.5 V,
IOL =12mA
-0.3V
-
0.25Vio
V
VOH
Output voltage high
state
(GPIO)
VIO = 2.7- 5.5 V,
IOL =12mA
0.75Vio
-
Vio+0.3
V
V
Ileakage
Input leakage on all
GPIO/touch pins
VIO =5.5 V, VCC powered
by VIO, I/O set as input,
5.5 V applied to I/O
--
100
nA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com