Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31PX Datasheet(PDF) 49 Page - STMicroelectronics

Part # STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STMPE16M31PX Datasheet HTML 45Page - STMicroelectronics STMPE16M31PX Datasheet HTML 46Page - STMicroelectronics STMPE16M31PX Datasheet HTML 47Page - STMicroelectronics STMPE16M31PX Datasheet HTML 48Page - STMicroelectronics STMPE16M31PX Datasheet HTML 49Page - STMicroelectronics STMPE16M31PX Datasheet HTML 50Page - STMicroelectronics STMPE16M31PX Datasheet HTML 51Page - STMicroelectronics STMPE16M31PX Datasheet HTML 52Page - STMicroelectronics STMPE16M31PX Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
STMPE16M31PX
Touch sensor controller
Doc ID 17058 Rev 2
49/75
13.2
Sensor resolution
The capacitive sensor hardware in the STMPE16M31PX devices has a sensitivity of 15 fF
and a range of 512 steps giving it a dynamic range of 7.5 pF.
The impedance reading is the output of an internal MAF (median averaging filter). As up to
16 samples are taken for each reading, the impedance reading is the sum of 16 of 9-bit
samples.
To allow maximum consistency, the 3 impedance readings are always 13-bit, whichever
MAF setting is used.
The touch variance (TVR) and enviromental variance (EVR) registers are specified in a 9-bit
format. For comparison with the impedances, the TVR and EVR would be internally shifted
4 bits up.
13.3
Auto-tuning
The capacitive sensor hardware in the STMPE16M31PX devices has a sensitivity of 15 fF
and a range of 512 steps giving it a dynamic range of 7.5 pF. This means that at any time,
the device is able to sense a change in capacitance up to 7.5 pF. When the channel
capacitance moves out of the 7.5 pF window, the auto tuning feature kicks in to ensure
proper sensing operation.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com