Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31PX Datasheet(PDF) 58 Page - STMicroelectronics

Part # STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STMPE16M31PX Datasheet HTML 54Page - STMicroelectronics STMPE16M31PX Datasheet HTML 55Page - STMicroelectronics STMPE16M31PX Datasheet HTML 56Page - STMicroelectronics STMPE16M31PX Datasheet HTML 57Page - STMicroelectronics STMPE16M31PX Datasheet HTML 58Page - STMicroelectronics STMPE16M31PX Datasheet HTML 59Page - STMicroelectronics STMPE16M31PX Datasheet HTML 60Page - STMicroelectronics STMPE16M31PX Datasheet HTML 61Page - STMicroelectronics STMPE16M31PX Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 75 page
background image
Touch sensor controller
STMPE16M31PX
58/75
Doc ID 17058 Rev 2
13.6
Definition of data accessible through channel data register
Table 14.
Types of data accessible through the channel data register
Data name
Definition
TVR
TVR (touch variance register) is a threshold defined by system, of which, if
the sense impedance changed by a magnitude more than the associated
TVR, this channel is considered touched. The result of this comparison is
directly accessible in the TOUCH_DET register.
EVR
EVR (environmental variance register) is a threshold defined by system, of
which, if the sensed impedance changed by a magnitude less than the
associated EVR, this is considered an environmental change and the device
will calibrate the internal reference (calibrated impedance) accordingly.
Channel delay
Channel delay is used to tune the individual channel into effective
measurement range. This field is 6-bit (0-63). Each bit in this field represents
approximately 0.5 pF capacitance.
Impedance
This field is a real time reflection of impedance measured at the
corresponding channel. As capacitance is inversely proportional to
impedance, this field reduces in value when capacitance on the channel
increases.
This field is of 13-bit length. The least significant 4 bits are results of internal
processing and should not be used. The actual impedance data could be
obtained by shifting the [Impedance] 4 bits to the right.
Calibrated
Impedance
Read-only
This field contains an internal reference used by the device to decide whether
a touch has occurred. This value is adjusted regularly (calibration) by the
device automatically.
Locked impedance
Data in this field is similar to data in impedance field, except that once this
data type is chosen, the device maintains a complete set of impedance data
in this field and stop refreshing it.
This is useful for the application where it is required that all impedance data
are sampled within a very short time.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com