Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31PX Datasheet(PDF) 67 Page - STMicroelectronics

Part # STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STMPE16M31PX Datasheet HTML 63Page - STMicroelectronics STMPE16M31PX Datasheet HTML 64Page - STMicroelectronics STMPE16M31PX Datasheet HTML 65Page - STMicroelectronics STMPE16M31PX Datasheet HTML 66Page - STMicroelectronics STMPE16M31PX Datasheet HTML 67Page - STMicroelectronics STMPE16M31PX Datasheet HTML 68Page - STMicroelectronics STMPE16M31PX Datasheet HTML 69Page - STMicroelectronics STMPE16M31PX Datasheet HTML 70Page - STMicroelectronics STMPE16M31PX Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 75 page
background image
STMPE16M31PX
Touchkey and proximity sensing controller
Doc ID 17058 Rev 2
67/75
PEVR
Proximity enviromental variance register
Address:
0x98
Type:
RW
Reset:
0x00
Description:
Proximity enviromental variance register.
PROX DATA PORT
Proximity DATA PORT
Address:
0xB0 (LSB), 0xB1 (MSB)
Type:
R
Reset:
0x00
Description:
Proximity data port.
[7] Forced proximity calibration.
Writing '1' to this bit forces the proximity sensing module to use the current dithered impedance
as calibrated dithered impedance. After writing '1' to this bit, I2C should monitor the calibration
status bit ( Prox Data Port 1, bit 6). On reading '1' in calibration status bit, I2C must write '0' in
forced proximity calibration bit to complete the calibration action.
[6] EVR used for proximity detection. typically value of 0x02-0x05 is used.
15
14
13
12
11
10
9
876
5432
10
PROX_STA
CAL_STA
RESERVED
Dithered Impedance/calibrated dithered impedance
RR
R
R
0
0
0
0
000
000
0000
00
[7:6] Proximity status: real-time status of proximity sensor
[14] Calibration status:
Reads '1' if calibration is completed.
Reads '0' if I2C executes a forced calibration
[13] Reserved
[12:0] 13 bit dithered impedance/calibrated dithered impedance.
The data read in this location is controlled by the access mode setting in PROX_TRIG register.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com