Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31PX Datasheet(PDF) 59 Page - STMicroelectronics

Part # STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STMPE16M31PX Datasheet HTML 55Page - STMicroelectronics STMPE16M31PX Datasheet HTML 56Page - STMicroelectronics STMPE16M31PX Datasheet HTML 57Page - STMicroelectronics STMPE16M31PX Datasheet HTML 58Page - STMicroelectronics STMPE16M31PX Datasheet HTML 59Page - STMicroelectronics STMPE16M31PX Datasheet HTML 60Page - STMicroelectronics STMPE16M31PX Datasheet HTML 61Page - STMicroelectronics STMPE16M31PX Datasheet HTML 62Page - STMicroelectronics STMPE16M31PX Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
STMPE16M31PX
Touchkey and proximity sensing controller
Doc ID 17058 Rev 2
59/75
14
Touchkey and proximity sensing controller
The touchkey controller processes raw capacitance measurement data into “touch/no-
touch” boolean data for easy usage. The key filter unit provides additional flexibility by
allowing the system to define a maximum number of keys that could be detected and
considered active, based on the amount of impedance change detected.
The proximity sensor using a technique called ‘dithering’ to increase the sensitivity of one
selected channel. Dithering factor (configurable from 4 - 32x) determines the sensitivity of
proximity sensor.
Table 15.
Touchkey controller registers
Address
Register name
Reset value
R/W
Description
0x90
KFU_PROX_CTRL
0x00
R/W
Key filter and proximity sensor
control
0x92 - 0x93
KEY_FILT_GROUP1
0x0000
R/W
Define channels included in key
filter group 1
0x96
PROX_CFG
0x00
R/W
Proximity configuration register
0x97
PTVR
0x00
R/W
Proximity variance register (PTVR)
0x98
PEVR
0x00
R/W
Proximity enviromental variance
register
0xB0
PROX_DATA_0
0x00
R
Proximity data port 0
0xB1
PROX_DATA_1
0x00
R
Proximity data port 1
0x9A - 0x9B
KEY_FILT_DATA
0x0000
R
Filtered touchkey data
0xB4-0xB5
TOUCH_DET
0x0000
R
Touch detection register
(real time)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com