Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31PX Datasheet(PDF) 22 Page - STMicroelectronics

Part # STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STMPE16M31PX Datasheet HTML 18Page - STMicroelectronics STMPE16M31PX Datasheet HTML 19Page - STMicroelectronics STMPE16M31PX Datasheet HTML 20Page - STMicroelectronics STMPE16M31PX Datasheet HTML 21Page - STMicroelectronics STMPE16M31PX Datasheet HTML 22Page - STMicroelectronics STMPE16M31PX Datasheet HTML 23Page - STMicroelectronics STMPE16M31PX Datasheet HTML 24Page - STMicroelectronics STMPE16M31PX Datasheet HTML 25Page - STMicroelectronics STMPE16M31PX Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
System controller
STMPE16M31PX
22/75
Doc ID 17058 Rev 2
SYSCON-2
Sensor and PWM clock divider
Address:
0x04
Type:
R/W
Reset:
0xFE
Description:
Sensor and PWM clock divider. The SYSCON-2 register controls the sensor and
PWM clock speed, and the clock gating of various functional modules.
This bit will always read '0'. as the I2C transaction to read this bit will wake up the
device from hibernate mode.
76
543
210
SCLK_DIV
PCLK_DIV
GPIO_CLK
PWM_CLK
CS_CLK
RW
RW
RW
RW
11
1
0
[7:5] SCLK_DIV: Sensor clock divider.
000, 001: RESERVED
010 : 32 (to be used only if load capacitance is < 30 pF)
011: 64
100: 128
101: 256
110: 512
111: 1024
Sensor clock is 2 MHz / ( PRBS_Factor * SCLK_DIV[2:0] )
PRBS factor is a pseudo-random sequence of number, ranging from 1-8. This is used to reduce
the effect of surrounding EMI on the sensor. Average of this factor is approximately 2.5
Effective sampling rate is 2 MHz/ (2.5*SCLK_DIV[2:0]).
Maximum total sampling rate : 2MHz/(2.5*64) = 12.5 kHz
Minimum total sampling rate : 2 MHz/(2.5*1024) = 780 Hz
If N channel is active, the per-channel sampling rate is “total sampling rate / N”.
Maximum channel sampling rate = 12.5 kHz/24 = 521 Hz
[4:3] PCLK_DIV: PWM clock divider
00 for 16 kHz
01 for 32 kHz
10 for 64 kHz
11 for 128 kHz
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com