Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31PX Datasheet(PDF) 27 Page - STMicroelectronics

Part # STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STMPE16M31PX Datasheet HTML 23Page - STMicroelectronics STMPE16M31PX Datasheet HTML 24Page - STMicroelectronics STMPE16M31PX Datasheet HTML 25Page - STMicroelectronics STMPE16M31PX Datasheet HTML 26Page - STMicroelectronics STMPE16M31PX Datasheet HTML 27Page - STMicroelectronics STMPE16M31PX Datasheet HTML 28Page - STMicroelectronics STMPE16M31PX Datasheet HTML 29Page - STMicroelectronics STMPE16M31PX Datasheet HTML 30Page - STMicroelectronics STMPE16M31PX Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 75 page
background image
STMPE16M31PX
System controller
Doc ID 17058 Rev 2
27/75
INT_EN
Interrupt enable register
Address:
0x09
Type:
R/W
Reset:
0x00
Description:
Controls interrupt source enable.
76
543
210
GPIO
PWM
WAKEUP
ENV
EOC
TOUCH
PROX
RESERVED
RW
RW
RW
RW
RW
RW
RW
W
00
000
000
[7] GPIO: Activity in GPIO
Write ‘1’ to enable interrupt signal from GPIO
Write ‘0’ to disable interrupt signal from GPIO
[6] PWM: Any channel of PWM has completed the programmed sequence
Write ‘1’ to enable interrupt signal from PWM
Write ‘0’ to disable interrupt signal from PWM
[5] Device wake up from SLEEP or HIBERNATE mode
Read ‘1’ if wake-up event occurs
Write ‘1’ to clear the interrupt status
[4] ENV: Possible drastic/abnormal environmental changes that requires attention from system
software. This event includes ‘calibration stuck’ and ‘tuning out of range’
Write ‘1’ to enable interrupt signal from calibration/tuning event
Write ‘0’ to disable interrupt signal from calibration/tuning event
[3] EOC: End of calibration
Write ‘1’ to enable interrupt signal from end of calibration event
Write ‘0’ to disable interrupt signal from end of calibration event
[2] TOUCH: Touchkey event
System should access touch detection register when this interrupt is received.
Touch interrupt source needs to be enabled to activate key filter data.
Write ‘1’ to enable interrupt signal from touch event
Write ‘0’ to disable interrupt signal from touch event
[1] PROX: Proximity sensor event
Write ‘1’ to enable interrupt signal from proximity sensor
[0] RESERVED
Write ‘0’ to disable interrupt signal from proximity sensor
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com