Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE16M31PX Datasheet(PDF) 48 Page - STMicroelectronics

Part # STMPE16M31PX
Description  S-Touch® 16-channel touchkey controller with proximity sensing
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE16M31PX Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STMPE16M31PX Datasheet HTML 44Page - STMicroelectronics STMPE16M31PX Datasheet HTML 45Page - STMicroelectronics STMPE16M31PX Datasheet HTML 46Page - STMicroelectronics STMPE16M31PX Datasheet HTML 47Page - STMicroelectronics STMPE16M31PX Datasheet HTML 48Page - STMicroelectronics STMPE16M31PX Datasheet HTML 49Page - STMicroelectronics STMPE16M31PX Datasheet HTML 50Page - STMicroelectronics STMPE16M31PX Datasheet HTML 51Page - STMicroelectronics STMPE16M31PX Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
Touch sensor controller
STMPE16M31PX
48/75
Doc ID 17058 Rev 2
Figure 12.
Touch sensing module flowchart
13.1
Sampling rate calculation
The capacitive sensor operates with a 2 MHz base clock, a single capacitive sensor scans
up to 16 active channels.
The SCLK_DIV divides the sensor clock by 32-1024, giving 2 kHz-67.5 kHz sensor clock.
For capacitive sensing, a PRBS sequence is utilized to remove the effect of surrounding
noise. This PRBS has an average value of 4.5.
The effective total sampling rate is thus 2 kHz-67.5 kHz divided by 4.5, giving 440 Hz –
14 kHz.
If all 16channels of capacitive sensors are active, the channel conversion rate is thus
440 Hz/16 = 27.5 Hz (Min), 14 kHz/16 = 875 Hz (Max)
Using the maximum MAF setting (18 remove 2), the maximum filtered channel output rate is
875 Hz/18 = 48.6 Hz.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com