Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4356-RX-434 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # 4356-RX-434
Description  Si4356 STANDALONE SUB-GHZ RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4356-RX-434 Datasheet(HTML) 5 Page - Silicon Laboratories

  4356-RX-434 Datasheet HTML 1Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 2Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 3Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 4Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 5Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 6Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 7Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 8Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Si4356
Rev 1.2
5
200 kHz Selectivity3
C/I1-CH
Desired Ref Signal 3 dB above sensitiv-
ity, BER < 0.1%. Interferer is CW and
desired modulated with
2.4 kbps
F = 30 kHz (G)FSK,
BT = 0.5,
Rx BW = 155 kHz,
—–42
dB
400 kHz Selectivity3
C/I2-CH
—–50
dB
Blocking 1 MHz Offset3
Desired Ref Signal 3 dB above sensitiv-
ity, BER < 0.1% Interferer is CW and
desired modulated with 2.4 kbps
F = 30 kHz (G)FSK, BT = 0.5,
RX BW = 155 kHz
—–57
dB
Blocking 8 MHz Offset3
——
–68
dB
Image Rejection3
ImREJ
IF = 468 kHz
–35
dB
Spurious Emissions3
POB_RX1
Measured at RX pins
–54
dBm
Table 4. Auxiliary Block Specifications1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
XTAL Nominal Cap3
——
10
pF
XTAL Frequency
30
MHz
XTAL Series Resistance
50
XTAL Stability
±50
ppm
Reset to RX Time2
tRST
——
20
ms
Notes:
1.
Test conditions and max limits are listed in section in “1.1. Definition of Test Conditions”.
2.
Guaranteed by qualification. Qualification test conditions are listed in the "Qualification Test Conditions" subsection of
section “1.1. Definition of Test Conditions”.
3.
Targeted nominal capacitive load for both XIN and XOUT pins.
Table 3. Receiver Electrical Characteristics1 (Continued)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
Test conditions and max limits are listed in section “1.1. Definition of Test Conditions”.
2.
Sensitivity measured at 434 MHz using a PN9 modulated input signal. Received signal is filtered, deglitched, and
retimed using an external RC filter (R = 1
k
, C = 47 nF) and MCU.
3.
Guaranteed by qualification. Qualification test conditions are listed in section “1.1. Definition of Test Conditions”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com