Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4356-RX-434 Datasheet(PDF) 18 Page - Silicon Laboratories

Part # 4356-RX-434
Description  Si4356 STANDALONE SUB-GHZ RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4356-RX-434 Datasheet(HTML) 18 Page - Silicon Laboratories

Back Button 4356-RX-434 Datasheet HTML 14Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 15Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 16Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 17Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 18Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 19Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 20Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 21Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 22Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Si4356
18
Rev 1.2
7. Pin Descriptions
Pin
Pin Name
I/O
Description
1GND
GND
Ground
2RST
I
Device reset
3RXp
I
Differential RF receiver input pin
4RXn
I
Differential RF receiver input pin
5NC
No Connect
6GND
GND
Ground
7VDD
VDD
Supply Voltage
8VDD
VDD
Supply Voltage
9GND
GND
Ground
10
CLK_OUT
O
System reference clock output
11
SEL0
I
Configuration selector pin
12
MSTAT
OUT0
O
O
Mode status (Rx = 0, STBY = 1)
Configuration output pin
13
STBY
I
Standby mode toggle
14
RX_DATA
OUT1
O
O
Receiver raw data output
Configuration output pin
15
SEL1
I
Configuration selector pin
1
2
3
4
5
6
7
8
9
10
16
15
14
13
12
11
20
19
18
17
GND
RST
RXp
RXn
NC
GND
GND
SEL1
RX_DATA / OUT1
STBY
MSTAT / OUT0
SEL0
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com