Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4356-RX-434 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # 4356-RX-434
Description  Si4356 STANDALONE SUB-GHZ RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4356-RX-434 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button 4356-RX-434 Datasheet HTML 6Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 7Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 8Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 9Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 10Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 11Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 12Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 13Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Si4356
10
Rev 1.2
Figure 2 shows the application circuit for a particular radio configuration (433.92 MHz, OOK, 2 kbps, 206 kHz
RxBW) with all optional connections. See Sections 5 and 7 for Si4356 pin functionality.
Figure 2. Si4356 Application Circuit Example
Note:
1.
R1 is required to minimize power up current. R1 is only necessary for pin configurations where SEL2 or SEL3 is
mapped to GND.
2.
An optional external low-pass RC filter may be connected to RX_DATA to filter the output and improve sensitivity.
R2 and C7 should be selected to realize a cut-off frequency that is ~40% larger than that targeted data rate
according to fc = 1/(2RC).
30 MHz
L1
GND
SEL0
1
2
3
4
15
14
13
SEL1
RX_DATA/OUT1
2
STBY
RXn
RST
RXp
5
NC
11
12
C2
Si4356
MSTAT/OUT0
VDD
100 nF
C5
100 pF
C4
1 μF
L2
C3
C6
MCU
Data In
Rx STBY (Optional)
Clock In (Optional)
VDD
Reset (Optional)
Mode Status (Optional)
C1
270 pF
2.7 pF
5.1 pF
56 nH
56 nH
10 k:
R1
1
R2
C7
Optional RC Filter
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com