Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4356-RX-434 Datasheet(PDF) 22 Page - Silicon Laboratories

Part # 4356-RX-434
Description  Si4356 STANDALONE SUB-GHZ RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4356-RX-434 Datasheet(HTML) 22 Page - Silicon Laboratories

Back Button 4356-RX-434 Datasheet HTML 18Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 19Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 20Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 21Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 22Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 23Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 24Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 25Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 26Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Si4356
22
Rev 1.2
Table 15. Package Diagram Dimensions
Dimension
Min
Nom
Max
A
0.80
0.85
0.90
A1
0.00
0.02
0.05
A3
0.20 REF
b
0.18
0.25
0.30
c
0.25
0.30
0.35
D3.00 BSC.
D2
1.55
1.70
1.85
e0.50 BSC.
E3.00 BSC.
E2
1.55
1.70
1.85
f2.40 BSC.
L
0.30
0.40
0.50
aaa
0.15
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
fff
0.10
Note:
All dimensions shown are in millimeters (mm) unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com