Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4356-RX-434 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # 4356-RX-434
Description  Si4356 STANDALONE SUB-GHZ RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4356-RX-434 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button 4356-RX-434 Datasheet HTML 7Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 8Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 9Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 10Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 11Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 12Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 13Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 14Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Si4356
Rev 1.2
11
3. Device Configuration
The Si4356 is configured for operation using the four configuration selector pins (SEL0 – SEL3). These pins will be
connected to one of four possible inputs: GND, VDD, RX DATA/OUT1 (pin 14), or OUT0 (pin 12). Refer to the
tables below for how these pins should be connected for the desired configuration.
SEL0 and SEL1 may be connected to VDD, GND, or OUT1 to choose desired frequency. Note that a 10 k
resistor should be inserted between SEL1 and OUT1 when SEL1 is mapped to OUT1. See Table 9 for frequency
settings.
SEL2 and SEL3 may be connected to VDD, GND, or OUT1 to choose desired modem configuration. See Table 10
for basic configurations. Note that a 10 k
resistor should inserted between SEL2 and/or SEL3 and GND when
SEL2 and/or SEL3 are mapped to GND.
Table 9. Frequency Selection
SEL0
SEL1
Frequency (MHz)
GND
VDD
433.92
VDD
VDD
315.00
OUT1
VDD
434.15
GND
OUT1
867.84
VDD
OUT1
868.30
OUT1
OUT1
917.00
Table 10. Basic Configuration
Config.
Name
SEL2
SEL3
Mod
Data Rate
(kbps)
RxBW (kHz)
Squelch
Recommended
FDEV (kHz)
OOK1
GND
GND
OOK
0.5–5
206
Disabled
OOK2
VDD
GND
OOK
1–10
370
Disabled
OOK3
OUT1
GND
OOK
10–50
370
Disabled
OOK4
OUT0
GND
OOK
50–120
370
Disabled
OOK5
GND
VDD
OOK
50–120
535
Disabled
OOK6
VDD
VDD
OOK
0.5–2.4
100
Disabled
FSK1
GND
OUT1
(G)FSK
0.5–30
155
Disabled
30
FSK2
VDD
OUT1
(G)FSK
0.5–30
185
Disabled
70
FSK3
OUT1
OUT1
(G)FSK
0.5–30
275
Disabled
30
FSK4
OUT0
OUT1
(G)FSK
10–120
275
Disabled
70
FSK5
GND
OUT0
(G)FSK
10–120
535
Disabled
70
FSK6
VDD
OUT0
(G)FSK
0.5–2.4
155
Enabled
30
FSK7
OUT1
OUT0
(G)FSK
0.5–2.4
275
Enabled
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com