Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4356-RX-434 Datasheet(PDF) 14 Page - Silicon Laboratories

Part # 4356-RX-434
Description  Si4356 STANDALONE SUB-GHZ RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4356-RX-434 Datasheet(HTML) 14 Page - Silicon Laboratories

Back Button 4356-RX-434 Datasheet HTML 10Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 11Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 12Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 13Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 14Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 15Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 16Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 17Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 18Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Si4356
14
Rev 1.2
5. Modes and Timing
At initial startup, the Si4356 reads the selector pins and loads all registers with the appropriate values for the
selected configuration, as shown in the Figure 4.
Figure 4. Power Up Timing
5.1. Power on Reset (POR)
A Power On Reset (POR) sequence is used to boot the device up from a fully off or shutdown state. To execute this
process, VDD must ramp within 1ms and must remain applied to the device for at least 10 ms. If VDD is removed,
then it must stay below 0.15 V for at least 10 ms before being applied again. See Figure 5 and Table 12 for details.
2 mA
3 mA
9mA
10 ms
8.5 ms
12 mA
3 ms
Total
Current
MSTAT
(Pin12)
RX_ DATA
(Pin14)
CLK_ OUT
(Pin10)
2.9 Vp-p
2.5 mA
1ms
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com