Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4356-RX-434 Datasheet(PDF) 13 Page - Silicon Laboratories

Part # 4356-RX-434
Description  Si4356 STANDALONE SUB-GHZ RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4356-RX-434 Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button 4356-RX-434 Datasheet HTML 9Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 10Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 11Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 12Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 13Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 14Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 15Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 16Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Si4356
Rev 1.2
13
4. Functional Description
Figure 3. Si4356 Functional Block Diagram
The Si4356 is an easy-to-use, size efficient, low current wireless receiver that covers the sub-GHz bands. The wide
operating voltage range of 1.8–3.6 V and low current consumption make the Si4356 an ideal solution for battery
powered applications. The Si4356 uses a single-conversion mixer to downconvert the (G)FSK or OOK modulated
receive signal to a low IF frequency. Following a programmable gain amplifier (PGA), the signal is converted to the
digital domain by a high performance
 ADC, thus allowing filtering and demodulation to be performed in the
built-in DSP and increasing the receiver's performance and flexibility versus analog based architectures. The
receiver demodulates the incoming data asynchronously by oversampling the incoming transmission. The resulting
demodulated signal is output to the system MCU through data output pin RX_DATA.
Integrated configuration tables allow the Si4356 to be completely configured using the four selector pins. The state
of each of these pins is read internally at startup and used to determine which pre-loaded configuration should be
used. The Si4356 then loads this configuration without the need for any external MCU control.
The Si4356 includes an integrated crystal oscillator. The design is differential with the typical crystal load
capacitance integrated on-chip to accommodate a 30 MHz off-chip crystal.
Rx Modem
Synthesizer
LNA
PGA
ADC
Rx Chain
Configuration Decoder
30MHz XO
RXp
RXn
VDD
SEL0
CLK_OUT
RX_DATA / OUT1
XOUT
XIN
SEL1
SEL3
STBY
SEL2
MSTAT / OUT0
÷
RST
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com