Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4356-RX-434 Datasheet(PDF) 24 Page - Silicon Laboratories

Part # 4356-RX-434
Description  Si4356 STANDALONE SUB-GHZ RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4356-RX-434 Datasheet(HTML) 24 Page - Silicon Laboratories

Back Button 4356-RX-434 Datasheet HTML 18Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 19Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 20Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 21Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 22Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 23Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 24Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 25Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 26Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Si4356
24
Rev 1.2
11. Top Marking
11.1. Si4356 Top Marking
Figure 10. Si4356 Top Marking
11.2. Top Marking Explanation
Mark Method:
Laser
Pin 1 Mark
Circle = 0.5 mm Diameter
Font Size
0.6 mm Right Justified
Line 1 Marking:
Product ID
356A
Line 2 Marking:
TTTT = Trace Code
Internal tracking number
Line 3 Marking:
YWW = Date Code
Corresponds to the last digit of the current year (Y) and the
work week (WW) of the assembly date.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com