Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4356-RX-434 Datasheet(PDF) 15 Page - Silicon Laboratories

Part # 4356-RX-434
Description  Si4356 STANDALONE SUB-GHZ RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4356-RX-434 Datasheet(HTML) 15 Page - Silicon Laboratories

Back Button 4356-RX-434 Datasheet HTML 11Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 12Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 13Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 14Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 15Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 16Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 17Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 18Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 19Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Si4356
Rev 1.2
15
Figure 5. POR Timing Diagram
The Si4356 provides two operating modes, a receive mode and a standby mode. The operating mode can be
changed by toggling STBY (pin 13) as described in Figure 6. Care should be taken to minimize the trace connected
to STBY to avoid external noise coupling that could result in unintended mode changes. The MSTAT signal (pin 12)
indicates the current operating mode of the device as defined in Table 13 and illustrated in Figure 6.
Table 12. POR Timing
Variable
Description
Min
Typ
Max
Units
tPORH
High time for VDD to fully settle POR circuit
10
ms
tPORL
Low time for VDD to enable POR
10
ms
VRRH
Voltage for successful POR
90% x Vdd
V
VRRL
Starting Voltage for successful POR
0150
mV
tSR
Slew rate of VDD for successful POR
1ms
Table 13. Operating Mode Status
Pin 12 (MSTAT)
Mode
LOW
Receive
HIGH
Standby
VDD
Time
VRRH
t
SR
tPORH
VRRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com