Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4356-RX-434 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # 4356-RX-434
Description  Si4356 STANDALONE SUB-GHZ RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4356-RX-434 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button 4356-RX-434 Datasheet HTML 2Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 3Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 4Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 5Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 6Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 7Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 8Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 9Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Si4356
6
Rev 1.2
Table 5. Digital I/O Specifications (STBY, RX_DATA, MSTAT, CLK_OUT)1
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Rise Time
TRISE
0.1xVDD to 0.9xVDD,
CL=10pF, DRV<1:0≥HH
—2.3
ns
Fall Time
TFALL
0.9xVDD to 0.1xVDD,
CL=10pF, DRV<1:0≥HH
—2.0
ns
Input Capacitance
CIN
—–
2
pF
Logic High Level Input
Voltage
VIH
—VDDx0.7
V
Logic Low Level Input
Voltage
VIL
——
VDDx0.3
V
Input Current (STBY)2
IIN
0<VIN<VDD
–10
10
µA
Input Current (STBY)2
IINP
VIL = 0 V
1
10
µA
Drive Strength for Out-
put Low Level2, 3
IOL
RX_DATA, MSTAT, CLK_OUT
1.13
mA
Drive Strength for Out-
put High Level2, 3
IOH
RX_DATA, MSTAT
0.96
mA
Drive Strength for Out-
put High Level2, 3
IOH
CLK_OUT
0.80
mA
Logic High Level Out-
put Voltage
VOH
IOUT = 500 µA
VDDx0.8
V
Logic Low Level Out-
put Voltage
VOL
IOUT = 500 µA
VDDx0.2
V
CLK_OUT Frequency
FCLK
Rx Freq = 315 MHZ
10
MHz
All other frequencies
15
MHz
CLK_OUT Duty Cycle
50
%
Notes:
1.
Guaranteed by qualification. Qualification test conditions are listed in Section “1.1. Definition of Test Conditions”.
2.
Currents listed are during normal operation after power up sequence is complete.
3.
Output currents measured at 3.3 VDC VDD with VOH = 2.64 VDC and VOL = 0.66 VDC.
Table 6. Thermal Characteristics
Parameter
Symbol
Test Condition
Value
Unit
Thermal Resistance Junction to Ambient
JA
Still Air
30
C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com