Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4356-RX-434 Datasheet(PDF) 16 Page - Silicon Laboratories

Part # 4356-RX-434
Description  Si4356 STANDALONE SUB-GHZ RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4356-RX-434 Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button 4356-RX-434 Datasheet HTML 12Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 13Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 14Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 15Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 16Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 17Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 18Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 19Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 20Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Si4356
16
Rev 1.2
Figure 6. Standby Control and Timing
Once in standby mode, the device shuts down most functions, allowing for very low current consumption, but it still
maintains all register settings for a fast transition back to the receive operating mode, as shown in Table 14.
It is also possible to reset the device by using RST (pin 2). This mode briefly cycles power on the device, before
retuning the device to the receive operating mode as shown in Figure 7. The device takes approximately 20 ms to
transition from reset to Receive mode.
Table 14. Operating State Response Time and Current Consumption
State / Mode
Response Time to Rx
Current in State/Mode
Standby
0.5 ms
50 nA
Receive
N/A
12 mA
Total
Current
STBY
(Pin13)
12 mA
12 mA
3 mA
50 nA
MSTAT
(Pin12)
RX_DATA
(Pin14)
CLK_OUT
(Pin10)
1-2 ms
>2 ms
2.9Vp-p
450 µS
>250 µS
350 µS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com