Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4356-RX-434 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # 4356-RX-434
Description  Si4356 STANDALONE SUB-GHZ RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4356-RX-434 Datasheet(HTML) 1 Page - Silicon Laboratories

  4356-RX-434 Datasheet HTML 1Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 2Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 3Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 4Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 5Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 6Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 7Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 8Page - Silicon Laboratories 4356-RX-434 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Rev 1.2 1/16
Copyright © 2016 by Silicon Laboratories
Si4356
Si4356
Si4356 STANDALONE S UB-GH Z R ECEIVER
Features
Applications
Description
Silicon Laboratories' Si4356 is a pin-strap configurable, low current,
sub-GHz EZRadio® receiver. With no external MCU control needed, the
Si4356 provides a true plug-and-play receive option. Excellent sensitivity
up to –113 dBm allows for a longer operating range, while the low current
consumption of 12 mA active and 50 nA standby provides for superior
battery life. The Si4356 provides receive data as well as a system clock
output for use by an external microcontroller or decoder.
Pin configurable
Frequency range = 315–917 MHz
Supply Voltage = 1.8–3.6 V
Receive sensitivity =
Up to –113 dBm
Modulation

(G)FSK

OOK
Low RX Current = 12 mA
Low standby current = 50 nA
Max data rate = 120 kbps
Automatic gain control (AGC)
System clock output
Low BOM
20-pin 3x3 mm QFN package
Remote control
Home security and alarm
Garage and gate openers
Remote keyless entry
Home automation
Industrial control
Sensor networks
Health monitors
Patents pending
Pin Assignments
20-pin QFN
(Top View)
1
2
3
4
5
6
7
8
9
10
16
15
14
13
12
11
20
19
18
17
GND
RST
RXp
RXn
NC
GND
GND
SEL1
RX_DATA / OUT1
STBY
MSTAT / OUT0
SEL0
GND


Similar Part No. - 4356-RX-434

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4356 VCC-4356 Datasheet
79Kb / 1P
Panel Mount Lenses for T-1 (3mm) LEDs
logo
Heyco.
4356 HEYCO-4356 Datasheet
158Kb / 1P
HEYClean® Brass Pressure Equalization and Drain Plugs
4356 HEYCO-4356 Datasheet
152Kb / 1P
HEYClean® Brass Pressure Equalization and Drain Plugs
logo
Festo Corporation.
4356032 FESTO-4356032 Datasheet
97Kb / 2P
Mini slide
5/16/22
logo
Vishay Siliconix
43561E3 VISHAY-43561E3 Datasheet
121Kb / 9P
Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
31-Jan-17
More results

Similar Description - 4356-RX-434

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1007-QD MIMIX-XR1007-QD_10 Datasheet
865Kb / 7P
10.0-18.0 GHz GaAs Receiver
XR1008-QB MIMIX-XR1008-QB_10 Datasheet
1Mb / 8P
35.0-45.0 GHz GaAs Receiver
XR1011-QH MIMIX-XR1011-QH_09 Datasheet
843Kb / 7P
4.5-10.5 GHz GaAs Receiver
XR1019-QH MIMIX-XR1019-QH_11 Datasheet
897Kb / 7P
27.5-33.4 GHz GaAs Receiver
logo
Espros Photonics corp
EPC111 EPC-EPC111 Datasheet
463Kb / 14P
Fully integrated standalone light barrier driver & receiver
logo
Silicon Laboratories
SI4355 SILABS-SI4355 Datasheet
275Kb / 34P
EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ RECEIVER
logo
Emcore Corporation
7830W-FA-115 EMCORE-7830W-FA-115 Datasheet
504Kb / 4P
3 GHz CATV Optical Receiver
logo
M/A-COM Technology Solu...
XR1015-QH MA-COM-XR1015-QH Datasheet
465Kb / 9P
10.0-16.0 GHz GaAs Receiver
logo
Silicon Laboratories
SI4356-DK SILABS-SI4356-DK Datasheet
1Mb / 16P
Receiver node is a switch configurable Si4356 demo board
logo
Espros Photonics corp
EPC111 EPC-EPC111_17 Datasheet
582Kb / 14P
Fully integrated standalone light barrier driver & receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com